Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ71 Datasheet (PDF) - STMicroelectronics

BUZ71 Datasheet PDF - STMicroelectronics
Part # BUZ71
Download  BUZ71 Download
File Size   79.23 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET

BUZ71 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ71 Datasheet PDF - STMicroelectronics

Part # BUZ71
Download  BUZ71 Click to download

File Size   79.23 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET

BUZ71 Datasheet (HTML) - STMicroelectronics


BUZ71 Product details

■ TYPICAL RDS(on)= 0.085Ω

■ AVALANCHE RUGGED TECHNOLOGY

■ 100% AVALANCHE TESTED

■ HIGH CURRENT CAPABILITY

■ 175°C OPERATING TEMPERATURE



APPLICATIONS

■ HIGH CURRENT, HIGH SPEED SWITCHING

■ SOLENOID AND RELAY DRIVERS

■ REGULATORS

■ DC-DC & DC-AC CONVERTERS

■ MOTOR CONTROL, AUDIO AMPLIFIERS

■ AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)




Similar Part No. - BUZ71

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ71 SIEMENS-BUZ71 Datasheet
130Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
New Jersey Semi-Conduct...
BUZ71 NJSEMI-BUZ71 Datasheet
91Kb / 2P
Power Field Effect Transistor
logo
List of Unclassifed Man...
BUZ71 ETC2-BUZ71 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - BUZ71

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ10 STMICROELECTRONICS-BUZ10 Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.06W - 23A TO-220 STripFET] MOSFET
Feb-2000
BUZ11 STMICROELECTRONICS-BUZ11 Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
Jul-1999
BUZ11A STMICROELECTRONICS-BUZ11A Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.045W - 26A TO-220 STripFET] MOSFET
Jul-1999
BUZ71A STMICROELECTRONICS-BUZ71A Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET
Jul-1999
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
logo
New Jersey Semi-Conduct...
BUZ11 NJSEMI-BUZ11 Datasheet
131Kb / 3P
N - CHANNEL 50V - 0.03Q - 33A TO-220 STripFET??MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com