Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ71 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUZ71
Description  N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUZ71 Datasheet(HTML) 1 Page - STMicroelectronics

  BUZ71 Datasheet HTML 1Page - STMicroelectronics BUZ71 Datasheet HTML 2Page - STMicroelectronics BUZ71 Datasheet HTML 3Page - STMicroelectronics BUZ71 Datasheet HTML 4Page - STMicroelectronics BUZ71 Datasheet HTML 5Page - STMicroelectronics BUZ71 Datasheet HTML 6Page - STMicroelectronics BUZ71 Datasheet HTML 7Page - STMicroelectronics BUZ71 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BUZ71
N - CHANNEL 50V - 0.085
Ω - 17A TO-220
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.085
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
HIGH CURRENT CAPABILITY
s
175
oC OPERATING TEMPERATURE
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
REGULATORS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
®
INTERNAL SCHEMATIC DIAGRAM
July 1999
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
50
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)50
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC17
A
IDM
Drain Current (pulsed)
68
A
Ptot
T otal Dissipat ion at Tc =25
oC60
W
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
DIN HUMIDI TY CAT EGORY (DI N 40040)
E
I EC CLIMAT IC CAT EG ORY (DI N IEC 68-1)
55/ 150/56
First digit of the datecode being Z or K identifies silicon characterized in this datasheet.
T YPE
VDSS
RDS(on)
ID
BUZ71
50 V
< 0.1
Ω
17 A
1/8


Similar Part No. - BUZ71

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ71 SIEMENS-BUZ71 Datasheet
130Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
New Jersey Semi-Conduct...
BUZ71 NJSEMI-BUZ71 Datasheet
91Kb / 2P
Power Field Effect Transistor
logo
List of Unclassifed Man...
BUZ71 ETC2-BUZ71 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BUZ71

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ10 STMICROELECTRONICS-BUZ10 Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.06W - 23A TO-220 STripFET] MOSFET
Feb-2000
BUZ11 STMICROELECTRONICS-BUZ11 Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
Jul-1999
BUZ11A STMICROELECTRONICS-BUZ11A Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.045W - 26A TO-220 STripFET] MOSFET
Jul-1999
BUZ71A STMICROELECTRONICS-BUZ71A Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET
Jul-1999
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
logo
New Jersey Semi-Conduct...
BUZ11 NJSEMI-BUZ11 Datasheet
131Kb / 3P
N - CHANNEL 50V - 0.03Q - 33A TO-220 STripFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com