Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ71 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUZ71
Description  N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUZ71 Datasheet(HTML) 2 Page - STMicroelectronics

  BUZ71 Datasheet HTML 1Page - STMicroelectronics BUZ71 Datasheet HTML 2Page - STMicroelectronics BUZ71 Datasheet HTML 3Page - STMicroelectronics BUZ71 Datasheet HTML 4Page - STMicroelectronics BUZ71 Datasheet HTML 5Page - STMicroelectronics BUZ71 Datasheet HTML 6Page - STMicroelectronics BUZ71 Datasheet HTML 7Page - STMicroelectronics BUZ71 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
2.5
oC/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
oC/W
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Valu e
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
17
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, I
D =IAR,VDD =25 V)
50
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
50
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tj =125
oC
1
10
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID =1 mA
2. 1
3
4
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V
ID = 9 A
0.085
0. 1
Ω
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS =25 V
ID =9 A
4
7.7
S
Ciss
Coss
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
760
100
30
pF
pF
pF
SWITCHING
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Time
Rise Time
Turn-off Delay T ime
Fall T ime
VDD =30 V
ID =8 A
RGS =50
Ω
VGS =10 V
20
65
70
35
ns
ns
ns
ns
BUZ71
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com