Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1240DT Datasheet (PDF) - STMicroelectronics

ST4E1240DT Datasheet PDF - STMicroelectronics
Part # ST4E1240DT
Download  ST4E1240DT Download
File Size   2832.71 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection

ST4E1240DT Datasheet (PDF)

Go To PDF Page Download Datasheet
ST4E1240DT Datasheet PDF - STMicroelectronics

Part # ST4E1240DT
Download  ST4E1240DT Click to download

File Size   2832.71 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection

ST4E1240DT Datasheet (HTML) - STMicroelectronics


ST4E1240DT Product details

Features
• Meets or exceeds TIA/EIA-485A standard requirements
• 3 V to 5.5 V supply voltage
• Differential output voltage (VOD) exceeds 2.1 V at 5 V supply for PROFIBUS
compatibility
• High speed: up to 40 Mbps data rate
• More than 64 transceivers on the bus (up to 100 nodes)
• Integrated protections
– Fail-safe receiver (bus open, idle, and shorted)
– Thermal shutdown protection
– Hot-swap capability (with parasitic capacitance up to 100 pF)
– Bus I/O ESD protection
◦ ±12 kV IEC61000-4-2 contact discharge
◦ ≥ ±8 kV HBM ESD
◦ ±4 kV IEC61000-4-4 class-A fast transient burst (EFT)
• Low quiescent current in shutdown mode
• Available in industry standard SO-8

Applications
• Factory automation and control
• Motion controllers
• Building automation and safety
• Video surveillance (building, traffic monitoring)
• Backplane busses
• Grid infrastructure
• Data acquisition (smart meters, seismic networks)




Similar Part No. - ST4E1240DT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST4ETA202 VISHAY-ST4ETA202 Datasheet
170Kb / 8P
Surface Mount Cermet Trimmers (single turn)
06-Mar-06
More results


Similar Description - ST4E1240DT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4060CX16 NXP-IP4060CX16 Datasheet
66Kb / 10P
High-speed MultiMediaCard interface filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-14 May 2009
PRTR5V0U6AS NXP-PRTR5V0U6AS Datasheet
57Kb / 7P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01-18 February 2008
logo
Texas Instruments
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
AZKN1044T AMAZING-AZKN1044T Datasheet
1Mb / 13P
짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹15kV ESD Protection
Revision 2021/12/3
logo
Nexperia B.V. All right...
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
logo
Texas Instruments
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com