Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1240DT Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST4E1240DT
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1240DT Datasheet(HTML) 2 Page - STMicroelectronics

  ST4E1240DT Datasheet HTML 1Page - STMicroelectronics ST4E1240DT Datasheet HTML 2Page - STMicroelectronics ST4E1240DT Datasheet HTML 3Page - STMicroelectronics ST4E1240DT Datasheet HTML 4Page - STMicroelectronics ST4E1240DT Datasheet HTML 5Page - STMicroelectronics ST4E1240DT Datasheet HTML 6Page - STMicroelectronics ST4E1240DT Datasheet HTML 7Page - STMicroelectronics ST4E1240DT Datasheet HTML 8Page - STMicroelectronics ST4E1240DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Pin configuration
Figure 1. Pin connections
ST4E1240
8
7
6
5
1
2
3
4
R
RE
D
DE
A
B
VCC
GND
ST4E1216
Table 1. Pin description
Name
Pin
I/O
Description
R
1
Digital output
Receiver data output
RE
2
Digital input
Receiver enable input, active low
DE
3
Digital input
Driver enable input, active high
D
4
Digital input
Transmission data input
GND
5
Ground
A
6
Bus I/O
Digital bus I/O, A
B
7
Bus I/O
Digital bus I/O, B
VCC
8
Device supply
3 V to 5.5 V supply voltage
ST4E1216, ST4E1240
Pin configuration
DS14542 - Rev 2
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com