Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4E1240DT Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST4E1240DT
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1240DT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST4E1240DT Datasheet HTML 17Page - STMicroelectronics ST4E1240DT Datasheet HTML 18Page - STMicroelectronics ST4E1240DT Datasheet HTML 19Page - STMicroelectronics ST4E1240DT Datasheet HTML 20Page - STMicroelectronics ST4E1240DT Datasheet HTML 21Page - STMicroelectronics ST4E1240DT Datasheet HTML 22Page - STMicroelectronics ST4E1240DT Datasheet HTML 23Page - STMicroelectronics ST4E1240DT Datasheet HTML 24Page - STMicroelectronics ST4E1240DT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Table 12. Receiver truth table
Differential input VID = VA-VB
ENABLE RE
OUTPUT R
Function
VTH+ < VID
L
H
Receive valid bus high
VTH- < VID < VTH+
L
I
Indeterminate bus state
VID < VTH-
L
L
Receive valid bus low
X
H
Z
Receiver disabled
X
Open
Z
Receiver disabled by default
Open-circuit bus
L
H
Fail-safe high output
Short-circuit bus
L
H
Fail-safe high output
Idle (terminated) bus
L
H
Fail-safe high output
Shutdown mode
Shutdown mode is initiated when driving DE low and RE high. In this state, the device draws less than 3.5 µA of
current in all temperature and power supply conditions. Shutdown mode is entered in typically 2 µs at VCC 5 V
and ambient temperature of 25 °C.
The ST4E1216 and ST4E1240 are designed for bidirectional data communications on multipoint bus transmission
lines. Figure 11 shows a typical network application circuit. To minimize reflections, the line should be terminated
at both ends with its characteristic impedance and stub lengths to be kept as short as possible from the main line.
Fail-safe receiver
The ST4E1216 and ST4E1240 have a fail-safe receiver to ensure a logic level on the bus and prevent any
indeterminate state. The following conditions can be detected.
•
Open bus such as a disconnected connector
•
A shorted bus such as a damaged cable creating a short of the twisted pair
•
An idle bus that occurs when no device on the bus is actively driving
In any of these cases, the differential receiver drives a fail-safe logic high level so that the output of the receiver is
not indeterminate.
Hot-swap capability
The enable pins DE and RE are critical pins during a switch-on or plug-in phase on the RS485 bus. To prevent
these pins from driving into unwanted states on the bus due to possible disturbances during these steps, the
ST4E1216 and ST4E1240 features an integrated hot-swap structure to avoid these potential problems.
Assuming a parasitic capacitance may be present on the board between the nodes DE and GND, or RE and VCC;
when the power supply rises, the MCU may drive an undetermined state on the nodes DE and RE. Depending on
the input impedance on nodes DE and RE, it can generate an unwanted signal on bus pins A, B.
A parasitic capacitance up to 100 pF is efficiently discharged with the hot-swap structure of the ST4E1216 and
ST4E1240.
The new ST RS485 transceivers manage dynamically the input impedance on DE and RE versus VCC. A typical
transient resistor of 6 kΩ is seen during the rising edge of the power supply, during a defined time of 15 µs
typically. This allows fast discharge of parasitic capacitance, preventing any unwanted signal on the bus pins. A
second typical transient resistor of 20 kΩ is still present until the VCC supply is fully established. Then, the 2 MΩ
resistors are the connected pull-up or pull-down resistor on both DE and RE terminals during normal ON
operation for current consumption considerations. An example is shown below for the impedance management on
the DE terminal. Such a structure is also present on RE versus VCC.
ST4E1216, ST4E1240
Detailed description
DS14542 - Rev 2
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com