Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet (PDF) - ON Semiconductor

S3JB Datasheet PDF - ON Semiconductor
Part # S3JB
Download  S3JB Download
File Size   175.92 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Rectifiers, Surface Mount 3A, 50 V-1000 V

S3JB Datasheet (PDF)

Go To PDF Page Download Datasheet
S3JB Datasheet PDF - ON Semiconductor

Part # S3JB
Download  S3JB Click to download

File Size   175.92 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Rectifiers, Surface Mount 3A, 50 V-1000 V

S3JB Datasheet (HTML) - ON Semiconductor


S3JB Product details

Features
• Glass Passivated Chip Junction
• High Surge Current Capacity
• Low Forward Voltage: 1.15 V Maximum
• UL Flammability 94V−0 Classification
• MSL 1 per J−STD−020
• RoHS Compliant / Green Molding Compound
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide Free Devices




Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results


Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF501C SECOS-SEF501C Datasheet
260Kb / 2P
50 ~ 1000 V, 5.0 Amp High Efficiency Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
DB151 SECOS-DB151 Datasheet
349Kb / 2P
50V~1000 V, 1.5 A Surface Mount Bridge Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201JD SECOS-QG201JD Datasheet
222Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com