Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 1 Page - ON Semiconductor

Part # S3JB
Description  Rectifiers, Surface Mount 3A, 50 V-1000 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S3JB Datasheet(HTML) 1 Page - ON Semiconductor

  S3JB Datasheet HTML 1Page - ON Semiconductor S3JB Datasheet HTML 2Page - ON Semiconductor S3JB Datasheet HTML 3Page - ON Semiconductor S3JB Datasheet HTML 4Page - ON Semiconductor S3JB Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2018
June, 2024 − Rev. 5
1
Publication Order Number:
S3MB/D
Rectifiers, Surface Mount
3A, 50 V-1000 V
S3AB-S3MB
Features
• Glass Passivated Chip Junction
• High Surge Current Capacity
• Low Forward Voltage: 1.15 V Maximum
• UL Flammability 94V−0 Classification
• MSL 1 per J−STD−020
• RoHS Compliant / Green Molding Compound
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide Free Devices
ABSOLUTE MAXIMUM RATINGS Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
S3AB
S3BB
S3DB S3GB
S3JB
S3KB S3MB
VRRM
Repetitive Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
RMS Reverse Voltage
35
70
140
280
420
560
700
V
VR
DC Blocking Voltage
50
100
200
400
600
800
1000
A
IF(AV)
Average Forward Rectified Current
3
A
IFSM
Peak Forward Surge Current: 8.3 ms Single
Half Sine−Wave Superimposed on Rated Load
80
A
TJ
Operating Junction Temperature Range
−55 to 150
°C
TSTG
Storage Temperature Range
−55 to 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS Values are at TA = 25°C unless otherwise noted. (Note 1)
Symbol
Parameter
Value
Unit
RqJA
Typical Thermal Resistance, Junction−to−Ambient
148
°C/W
YJL
Typical Thermal Characteristics, Junction−to−Lead
14
°C/W
1. Device mounted on FR−4 PCB, board size = 76.2 mm x 114.3 mm per JESD51−3.
ELECTRICAL CHARACTERISTICS Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Instantaneous Forward Voltage (Note 2)
IF = 3 A
−
−
1.15
V
IR
Reverse Current at Rated VR
TJ = 25°C
−
−
10
mA
TJ = 125°C
−
−
250
trr
Reverse Recovery Time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
−
1.5
−
ms
CJ
Junction Capacitance
VR = 4 V, f = 1 MHz
−
40
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse test with PW = 300 ms, 1% duty cycle.
MARKING
DIAGRAM
1
Cathode
2
Anode
Z
= Assembly Plant Code
Y
= Year
WW
= Work Week
S3xB
= Specific Device Code
x = A, B, D, G, J, K, M
ZYWW
S3xB
SMB
CASE 403AF
Polarity
Mark
See detailed ordering and shipping information on page 3
of this data sheet.
NOTE: Some of the devices on this data sheet have been
DISCONTINUED. Please refer to the table on page 3.
ORDERING INFORMATION


Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF501C SECOS-SEF501C Datasheet
260Kb / 2P
50 ~ 1000 V, 5.0 Amp High Efficiency Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
DB151 SECOS-DB151 Datasheet
349Kb / 2P
50V~1000 V, 1.5 A Surface Mount Bridge Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201JD SECOS-QG201JD Datasheet
222Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com