Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43WR1LFTR Datasheet (PDF) - Bi technologies

43WR1LFTR Datasheet PDF - Bi technologies
Part # 43WR1LFTR
Download  43WR1LFTR Download
File Size   151.91 Kbytes
Page   3 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant

43WR1LFTR Datasheet (PDF)

Go To PDF Page Download Datasheet
43WR1LFTR Datasheet PDF - Bi technologies

Part # 43WR1LFTR
Download  43WR1LFTR Click to download

File Size   151.91 Kbytes
Page   3 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 3 mm Multi-Turn Sealed Surface Mount Cermet Trimming Potentiometer RoHS compliant

43WR1LFTR Datasheet (HTML) - Bi technologies




Similar Part No. - 43WR1LFTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
43WR10KLFTB TTELEC-43WR10KLFTB Datasheet
617Kb / 3P
MULTI-TURN TRIMMER
43WR10KLFTR TTELEC-43WR10KLFTR Datasheet
617Kb / 3P
MULTI-TURN TRIMMER
logo
Bi technologies
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
Cermet Trimming Potentiometer
More results


Similar Description - 43WR1LFTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
22AR10KLFTR BITECH-22AR10KLFTR Datasheet
171Kb / 3P
3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
35WR10KLFTR BITECH-35WR10KLFTR Datasheet
121Kb / 3P
3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
3/8 Square Single Turn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
3/8 Diameter Single Turn Cermet Trimming Potentiometer
logo
Vishay Siliconix
5W-100 VISHAY-5W-100 Datasheet
181Kb / 2P
5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
16-Jul-03
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Bi technologies
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com