Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45WER100KLFT7 Datasheet (PDF) - Bi technologies

45WER100KLFT7 Datasheet PDF - Bi technologies
Part # 45WER100KLFT7
Download  45WER100KLFT7 Download
File Size   62.22 Kbytes
Page   5 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer

45WER100KLFT7 Datasheet (PDF)

Go To PDF Page Download Datasheet
45WER100KLFT7 Datasheet PDF - Bi technologies

Part # 45WER100KLFT7
Download  45WER100KLFT7 Click to download

File Size   62.22 Kbytes
Page   5 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer

45WER100KLFT7 Datasheet (HTML) - Bi technologies




Similar Part No. - 45WER100KLFT7

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
0-10V Dimmable
45W-LCCE LINKCOM-45W-LCCE Datasheet
500Kb / 3P
45W Power Supply
45W-MB4N LINKCOM-45W-MB4N Datasheet
347Kb / 2P
45W Multiple Channels
logo
Ashcroft, Inc.
45W1000H02LXAP ASHCROFT-45W1000H02LXAP Datasheet
1Mb / 2P
1000 Commercial Gauge
RevC_Ltr_05-19
45W1000H02LXNP ASHCROFT-45W1000H02LXNP Datasheet
1Mb / 2P
1000 Commercial Gauge
RevC_Ltr_05-19
More results


Similar Description - 45WER100KLFT7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
4mm Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
1/4??Square Single Turn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
3/8 Square Single Turn Cermet Trimming Potentiometer
logo
Vishay Siliconix
5W-100 VISHAY-5W-100 Datasheet
181Kb / 2P
5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
16-Jul-03
logo
Bi technologies
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
22AR500LFTR ETC-22AR500LFTR Datasheet
164Kb / 3P
3 mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
logo
Bi technologies
23BR5KLFTR BITECH-23BR5KLFTR Datasheet
129Kb / 4P
4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com