Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-F Datasheet (PDF) - STMicroelectronics

M24256E-F Datasheet PDF - STMicroelectronics
Part # M24256E-F
Download  M24256E-F Download
File Size   1487.91 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard I²C EEPROM memory expansion board based on M24256E-F and M24M01E-F series for STM32 Nucleo

M24256E-F Datasheet (PDF)

Go To PDF Page Download Datasheet
M24256E-F Datasheet PDF - STMicroelectronics

Part # M24256E-F
Download  M24256E-F Click to download

File Size   1487.91 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard I²C EEPROM memory expansion board based on M24256E-F and M24M01E-F series for STM32 Nucleo

M24256E-F Datasheet (HTML) - STMicroelectronics


M24256E-F Product details

Features
• M24256E-F: 256 Kbit serial I²C bus EEPROM with configurable device
address
• M24M01E-F: 1 Mbit serial I²C bus EEPROM with configurable device address
and software write protection registers
• Additional identification page
• Compatible with the following I²C bus modes:
– 1 MHz (fast mode plus)
– 400 kHz (fast mode)
– 100 kHz (standard mode)
• Preprogrammed device address (on demand)
• A free comprehensive development firmware library and sample
implementation are available when the X-NUCLEO-EEICA1 expansion board
is plugged on top of a NUCLEO-F401RE, NUCLEO-L053R8, NUCLEOG474RE
or NUCLEO-H743ZI development board
• Developer can choose and solder an EEPROM to be tested using the
evaluation software provided




Similar Part No. - M24256E-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
901Kb / 46P
256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
07-Feb-2023
M24256E-FDW6TP STMICROELECTRONICS-M24256E-FDW6TP Datasheet
901Kb / 46P
256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
07-Feb-2023
M24256E-F STMICROELECTRONICS-M24256E-F_V01 Datasheet
901Kb / 46P
256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
07-Feb-2023
More results


Similar Description - M24256E-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-EEPRMA2 STMICROELECTRONICS-X-NUCLEO-EEPRMA2 Datasheet
1Mb / 6P
Standard I²C and SPI EEPROM memory expansion board based on M24xx and M95xx series for STM32 Nucleo
27-Feb-2020
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
X-NUCLEO-PGEEZ1 STMICROELECTRONICS-X-NUCLEO-PGEEZ1 Datasheet
2Mb / 9P
Standard SPI page EEPROM memory expansion board based on M95P32 series for STM32 Nucleo
17-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com