Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256E-F Datasheet (PDF) - STMicroelectronics

M24256E-F Datasheet PDF - STMicroelectronics
Part # M24256E-F
Download  M24256E-F Download
File Size   901.9 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address

M24256E-F Datasheet (PDF)

Go To PDF Page Download Datasheet
M24256E-F Datasheet PDF - STMicroelectronics

Part # M24256E-F
Download  M24256E-F Click to download

File Size   901.9 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address

M24256E-F Datasheet (HTML) - STMicroelectronics


M24256E-F Product details

Features
• Compatible with following I2C bus modes:
– 1 MHz (Fast-mode Plus)
– 400 kHz (Fast-mode)
– 100 kHz (Standard-mode)
• Memory array:
– 256 Kbit (32 Kbytes) of EEPROM
– Page size: 64 bytes
– Additional identification page
• Single supply voltage:
– 1.6 to 5.5 V
• Operating temperature range
– From -40°C up to +85°C
• Write cycle time:
– Byte write within 5 ms
– Page write within 5 ms
• Random and sequential read modes
• Write protection of the whole memory array
• Configurable device address
• Preprogrammed device address (on demand)
• Enhanced ESD / latch-up protection
• More than 4 million write cycles
• More than 200-year data retention
• Package
– SO8N ECOPACK2
– TSSOP8 ECOPACK2
– UFDFPN8 ECOPACK2
– UFDFPN5 ECOPACK2
– RoHS-compliant and halogen-free (ECOPACK2)




Similar Part No. - M24256E-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
1Mb / 9P
Standard I²C EEPROM memory expansion board based on M24256E-F and M24M01E-F series for STM32 Nucleo
21-Dec-2023
More results


Similar Description - M24256E-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
256-Kbit serial I짼C bus EEPROM
17-Dec-2012
logo
Texas Instruments
TNETX15AEPGE TI1-TNETX15AEPGE Datasheet
990Kb / 79P
ADDRESS-LOOKUP DEVICE
logo
STMicroelectronics
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
256-Kbit serial I짼C bus EEPROM
21-Feb-2014
M24C64X-FCU STMICROELECTRONICS-M24C64X-FCU Datasheet
469Kb / 35P
64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 7 - September 2019
M24128X-FCU STMICROELECTRONICS-M24128X-FCU Datasheet
431Kb / 35P
128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 2 - October 2019
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24256X-F STMICROELECTRONICS-M24256X-F Datasheet
692Kb / 42P
256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
Rev 2 - July 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com