Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N150 Datasheet (PDF) - Unisonic Technologies

9N150 Datasheet PDF - Unisonic Technologies
Part # 9N150
Download  9N150 Download
File Size   665.68 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9.0A, 1500V N-CHANNEL POWER MOSFET

9N150 Datasheet (PDF)

Go To PDF Page Download Datasheet
9N150 Datasheet PDF - Unisonic Technologies

Part # 9N150
Download  9N150 Click to download

File Size   665.68 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9.0A, 1500V N-CHANNEL POWER MOSFET

9N150 Datasheet (HTML) - Unisonic Technologies


9N150 Product details

 DESCRIPTION
The UTC 9N150 provide excellent RDS(ON), low gate charge
and operation with low gate voltages. This device is suitable for
use as a load switch or in PWM applications.

 FEATURES0
* RDS(ON) ≤ 2.1 Ω @ VGS=10V, ID=4.5A
* Low Reverse Transfer Capacitance
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 9N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
9N150 STMICROELECTRONICS-9N150 Datasheet
258Kb / 12P
N-channel 1500 V - 1.8 Ω - 8 A - TO-247 very high voltage PowerMESH™ Power MOSFET
24-May-2007
More results


Similar Description - 9N150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
Power MOSFET(Vdss=40V, Id=9.0A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
logo
STMicroelectronics
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
24-May-2007
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
06-Mar-2007
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
10-Aug-2006
logo
KIA Semiconductor Techn...
4820N KIA-4820N Datasheet
308Kb / 6P
9.0A竊?00V N-CHANNEL MOSFET
KNX4820B KIA-KNX4820B Datasheet
468Kb / 8P
9.0A竊?00V N-CHANNEL MOSFET
logo
Thinki Semiconductor Co...
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com