Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2333L-S08-R Datasheet (PDF) - Unisonic Technologies

ULV2333L-S08-R Datasheet PDF - Unisonic Technologies
Part # ULV2333L-S08-R
Download  ULV2333L-S08-R Download
File Size   191.67 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description MICRO-POWER, ZERO-DRIFT, RAIL-TO-RAIL INPUT/OUTPUT CMOS DUAL OPERATIONAL AMPLIFIERS

ULV2333L-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
ULV2333L-S08-R Datasheet PDF - Unisonic Technologies

Part # ULV2333L-S08-R
Download  ULV2333L-S08-R Click to download

File Size   191.67 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description MICRO-POWER, ZERO-DRIFT, RAIL-TO-RAIL INPUT/OUTPUT CMOS DUAL OPERATIONAL AMPLIFIERS

ULV2333L-S08-R Datasheet (HTML) - Unisonic Technologies


ULV2333L-S08-R Product details

 DESCRIPTION
The UTC ULV2333 CMOS dual operational amplifiers provide
very low offset voltage and zero-drift over time and temperature.
The miniature, high precision, low quiescent current amplifiers
offer high-impedance inputs that have a wide input common mode
range of 100mV beyond the rails and rail-to-rail output that swings
within 35mV of the rails. Single or dual supplies as low as 1.8V
(±0.9V) and up to 5.5V (±2.75V) may be used. They are optimized
for low voltage, single or dual supply operation.
The UTC ULV2333 offers excellent CMRR without the
crossover associated with traditional complementary input stages.
This design results in superior performance for driving
analog-to-digital converters (ADCs) without degradation of
differential linearity.

 FEATURES
* Supply Voltage Range: 1.8V ~ 5.5V
* Supply Current: 80μA/Amplifier (Typ.)
* Low Offset Voltage: 25μV (Max.)
* Rail-to-Rail Input / Output
* Slew Rate: 0.25V/µs (Typ.)




Similar Part No. - ULV2333L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
ULV2362G-S08-R UTC-ULV2362G-S08-R Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
ULV2362L-S08-R UTC-ULV2362L-S08-R Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results


Similar Description - ULV2333L-S08-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8551 AD-AD8551 Datasheet
262Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com