Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULV2333L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULV2333L-S08-R
Description  MICRO-POWER, ZERO-DRIFT, RAIL-TO-RAIL INPUT/OUTPUT CMOS DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV2333L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULV2333L-S08-R Datasheet HTML 1Page - Unisonic Technologies ULV2333L-S08-R Datasheet HTML 2Page - Unisonic Technologies ULV2333L-S08-R Datasheet HTML 3Page - Unisonic Technologies ULV2333L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULV2333
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R105-094.C
MICRO-POWER, ZERO-DRIFT,
RAIL-TO-RAIL INPUT/OUTPUT
CMOS DUAL OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC ULV2333 CMOS dual operational amplifiers provide
very low offset voltage and zero-drift over time and temperature.
The miniature, high precision, low quiescent current amplifiers
offer high-impedance inputs that have a wide input common mode
range of 100mV beyond the rails and rail-to-rail output that swings
within 35mV of the rails. Single or dual supplies as low as 1.8V
(±0.9V) and up to 5.5V (±2.75V) may be used. They are optimized
for low voltage, single or dual supply operation.
The UTC ULV2333 offers excellent CMRR without the
crossover associated with traditional complementary input stages.
This
design
results
in
superior
performance
for
driving
analog-to-digital converters (ADCs) without degradation of
differential linearity.
FEATURES
* Supply Voltage Range: 1.8V ~ 5.5V
* Supply Current: 80μA/Amplifier (Typ.)
* Low Offset Voltage: 25μV (Max.)
* Rail-to-Rail Input / Output
* Slew Rate: 0.25V/µs (Typ.)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
ULV2333L-S08-R
ULV2333G-S08-R
SOP-8
Tape Reel
ULV2333L-SM1-R
ULV2333G-SM1-R
MSOP-8
Tape Reel
MARKING


Similar Part No. - ULV2333L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
ULV2362G-S08-R UTC-ULV2362G-S08-R Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
ULV2362L-S08-R UTC-ULV2362L-S08-R Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - ULV2333L-S08-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8551 AD-AD8551 Datasheet
262Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com