Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-80 Datasheet (PDF) - Power Integrations, Inc.

DI-80 Datasheet PDF - Power Integrations, Inc.
Part # DI-80
Download  DI-80 Download
File Size   300.98 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 0.6 W Non-Isolated Utility Meter Power Supply

DI-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-80 Datasheet PDF - Power Integrations, Inc.

Part # DI-80
Download  DI-80 Click to download

File Size   300.98 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 0.6 W Non-Isolated Utility Meter Power Supply

DI-80 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-80

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-85 POWERINT-DI-85 Datasheet
554Kb / 2P
2 W Charger: Replaces Unregulated Linear Solutions
DI-88 POWERINT-DI-88 Datasheet
301Kb / 2P
PoE Detection and Classification (Class 0-3) Interface Circuit
logo
List of Unclassifed Man...
DI-8884A ETC2-DI-8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
logo
Power Integrations, Inc...
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
More results


Similar Description - DI-80

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
1.8W non-isolated Power Supply using LNK304
DER-47 POWERINT-DER-47 Datasheet
86Kb / 9P
2W Non-isolated Power Supply using LNK305P
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
7.3 W Dual Output Non-Isolated Power Supply using TNY266P
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
Non-isolated Induction Cooktop Auxiliary Supply
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
1.2 W, Non-isolated Dual Output Supply for White Goods
logo
Renesas Technology Corp
ISL31490E RENESAS-ISL31490E Datasheet
1Mb / 26P
Utility meters/automated meter reading systems
logo
Schneider Electric
METSEION7403 SCHNEIDER-METSEION7403 Datasheet
133Kb / 4P
PowerLogic ION7400 DIN rail mount - utility meter base
May 21, 2020
logo
Maxim Integrated Produc...
MAXREFDES125 MAXIM-MAXREFDES125 Datasheet
627Kb / 10P
MAXREFDES125# Non-isolated 24V to 5.1V, 20W Power Supply
2017
logo
AiT Semiconductor Inc.
AP8025 AITSEMI-AP8025 Datasheet
627Kb / 12P
NON-ISOLATED W/FIXED 5VOUT SYNCHRONOUS
REV1.0
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com