Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-80 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-80
Description  0.6 W Non-Isolated Utility Meter Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-80 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-80 Datasheet HTML 1Page - Power Integrations, Inc. DI-80 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-80
B
9/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch and EcoSmart are registered trademarks of Power Integrations. PI Expert and
PI FACTS are trademarks of Power Integrations. Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATIONS, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Figure 3. Real Input Power (left Y-axis) and Apparent Input
Power (right Y-axis) AC Input Voltage at 50 mA
Load Current (0.6 W Load).
Figure 2. Output Regulation (left Y-axis) and Efficiency
(right Y-axis) Over Load Current at 85 VAC and
265 VAC Input.
Key Design Points
• The output is not safety isolated from the input.
• The circuit shown in Figure 1 has a total output
voltage tolerance of ±10% (-20 °C to +85 °C ambient
temperature).
• To prevent noise coupling and to decrease EMI, place the
input filter components physically away from the source
node of the LinkSwitch-TN and L1 inductor.
• The DC input filter capacitors C1 and C2 can be placed as
a barrier between the AC input and LNK302 and L1. Their
size depends on the minimum operating input voltage and
required holdup time.
• Select ESR of output filter capacitor C5 based on the output
voltage noise requirement.
• Diode D3 should be an ultra-fast type. A reverse recovery
time t
rr ≤75 ns should be used at an ambient temperature
of +70 °C or below. If the ambient temperature is higher,
then a diode with t
rr ≤35 ns should be used.
• Feedback diode D4 can be a low-cost slow diode such as
1N400X series, however it should be specified as a glass
passivated type to guarantee a specified reverse recovery
time.
• Pre-load R5 is only required for output regulation down
to zero load.
• Use LNK304 for up to 110 mA output current (<2 W
true input power and <6 VA apparent input power at
265 VAC). Select output inductor L1 value and current
rating accordingly.
• See LinkSwitch-TN Design Guide for in-depth
information.
12.5
13.0
Output Current (mA)
PI-3916-081004
11.0
11.5
12.0
60
50
80
70
0
20
10
40
30
30
20
10
0
50
40
85 VAC Load Regulation
265 VAC Load Regulation
85 VAC Efficiency
265 VAC Efficiency
2.5
2.0
3.0
Input Voltage (VAC)
PI-3917-081204
0.0
0.5
1.5
1.0
2.0
3.0
2.5
0.0
0.5
1.5
1.0
175
205
145
115
85
265
235
True Input Power (W)
Apparent Input Power (VA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com