Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-129 Datasheet (PDF) - Power Integrations, Inc.

DI-129 Datasheet PDF - Power Integrations, Inc.
Part # DI-129
Download  DI-129 Download
File Size   668.71 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 33 W (60 W Peak) PVR Power Supply

DI-129 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-129 Datasheet PDF - Power Integrations, Inc.

Part # DI-129
Download  DI-129 Click to download

File Size   668.71 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 33 W (60 W Peak) PVR Power Supply

DI-129 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-129

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-12 POWERINT-DI-12 Datasheet
44Kb / 2P
16 W, Universal Input, Lead Acid Battery Charger
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
DI-123 POWERINT-DI-123 Datasheet
382Kb / 2P
9.65 W, Dual Output Power Supply for Residential Heating Control
DI-124 POWERINT-DI-124 Datasheet
341Kb / 2P
Ultra-wide Input Range (57-580 VAC) Flyback Power Supply
DI-128 POWERINT-DI-128 Datasheet
843Kb / 2P
35 W (75 W Peak) Variable-speed DC Motor Drive
More results


Similar Description - DI-129

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-93 POWERINT-DI-93 Datasheet
429Kb / 2P
General Purpose 32 W Continuous (81 W Peak) Supply
logo
CUI INC
VDRS-60 CUI-VDRS-60 Datasheet
297Kb / 4P
60 W MINI POWER SUPPLY
logo
M/A-COM Technology Solu...
MADL-011014 MA-COM-MADL-011014 Datasheet
763Kb / 5P
320 W Peak Power Limiter
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
Up to 600 W Peak Power
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
M/A-COM Technology Solu...
MADL-011014 MA-COM-MADL-011014_15 Datasheet
746Kb / 5P
320 W Peak Power Limiter
MADL-011015 MA-COM-MADL-011015 Datasheet
586Kb / 6P
250 W Peak Power Limiter
logo
Texas Instruments
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
logo
Hitachi Semiconductor
HA13157 HITACHI-HA13157 Datasheet
84Kb / 13P
33 W ´ 4-Channel BTL Power IC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com