Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-129 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-129
Description  33 W (60 W Peak) PVR Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-129 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-129 Datasheet HTML 1Page - Power Integrations, Inc. DI-129 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein. POWER INTEGRATIONS MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL
WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications
illustrated herein (transformer construction and circuits external to the products) may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A
complete list of Power Integrations' patents may be found at
www.powerint.com. Power Integrations grants its
customers a license under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, PeakSwitch, EcoSmart,
Clampless, E-Shield, Filterfuse, StackFET, PI Expert and PI FACTS are trademarks of Power
Integrations, Inc. Other trademarks are property of their respective companies. ©Copyright 2006, Power Integrations, Inc.
For the latest updates, visit
www.powerint.com
DI-89 DI-129
Rev. A 11/06
Power Integrations
5245 Hellyer Avenue
San Jose, CA 95138
Phone: 1-408-414-9200
Apps: 1-408-414-9660
Apps Fax: 1-408-414-9760
For a complete listing of worldwide
sales offices, please visit
www.powerint.com
Resistor R16 provides the bias current for U2. Resistor R10
setsthegain. CapacitorC22improvestransientresponsiveness.
CapacitorC11andresistorR9rolloffthehighfrequencygainof
U2. Capacitor C2 performs a soft-finish function that prevents
the 3.3 V and the 5 V output voltages from overshooting their
regulationsetpointsduringtheinitialpowerupoftheconverter.
Figure 3. Output Regulation vs. Input Line Voltage, Room
Temperature, Full Load.
Figure 2. Efficiency vs. Input Line Voltage at Full Load, Room
Temperature, 50 Hz Line.
All output windings areAC stacked and exhibit good cross
regulation, due to the tight coupling within transformer
T1. The –5 V output uses Zener diode VR1 as a post
regulator.
Key Design Points
• All secondary winding should be wound in layers
right next to each other, in order to assure the best
cross regulation.
• Use foil for 3.3 V and 5 V secondary windings for
the best cross regulation.
• The reflected output voltage (V
OR) was set at 126 V
to ensure good output voltages cross regulation. If
tighter cross regulation is needed, a lower value of
V
OR could be used at the expense of reduced peak
power delivery.
• The configuration of U5, Q1, R17 and D6 increases
the speed of U5 and reduces pulse grouping.
Table 1. Transformer Design Parameters.
TIW = Triple Insulated Wire, NC = No Connect, FL = Flying Lead
TRANSFORMER PARAMETERS
Core Material
PC40EF25-Z or equivalent
Bobbin
EF25 Horizontal
Winding Details
1/2 Primary: 32T, 31 AWG
Bias: 9T, 0.45 mm
Secondary: Foil 2T, Foil 1T,
6T, 0.45 mm
×2 & 3T 0.25 mm
1/2 Primary: 32T, 31 AWG
Winding Order
(pin numbers)
Primary (3-2), Bias (5-4),
Secondary (9-10, 10-8, 7-8,
6-7), Primary (2-1)
Primary
Inductance
342
µH, ±10%
195
205
215
225
245
235
265
255
AC Input Voltage
95
85
75
65
55
45
35
25
190
200
210
220
240
250
230
270
260
AC Input Voltage (VAC)
110
105
100
95
90
85
80
3.3 V
5 V
-5 V
22 V
17.5 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com