Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC5120 Datasheet (PDF) - 3PEAK INC.

TPC5120 Datasheet PDF - 3PEAK INC.
Part # TPC5120
Download  TPC5120 Download
File Size   1697.35 Kbytes
Page   32 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 12-bit 1-MHz SAR ADC

TPC5120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC5120 Datasheet PDF - 3PEAK INC.

Part # TPC5120
Download  TPC5120 Click to download

File Size   1697.35 Kbytes
Page   32 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 12-bit 1-MHz SAR ADC

TPC5120 Datasheet (HTML) - 3PEAK INC.


TPC5120 Product details

Features
 16 or 8-channel 12-Bit SAR ADC
− Supporting Ranges from 0 to 2.5 V and 0 to 5
V
− Programmable Out-of-Range Alarms
− 1-MHz Sample Rate Serial Devices
 General Purpose I/O Ports (GPIOs)
 Low-Power SPI-Compatible Serial Interface
 Operating Temperature: −40°C to 125°C

Applications
 Wireless Infrastructure
 PLC / DCS
 Battery Powered Systems
 General Purpose Monitor and Control

Description
The TPC5120/TPC5121 products include capacitorbased SAR A/D converters with inherent sample and
hold. The TPC5120 has 16-channel single-ended
inputs and the TPC5121 has 8-channel single-ended
inputs.
The devices accept a wide analog supply range from
2.7 V to 5.25 V. The ultra-low power consumption
makes these devices suitable for battery-powered
and isolated power-supply applications.
A wide 1.7-V to 5.25-V I/O supply range facilitates a
glueless interface with the most used digital hosts.
The serial interface is controlled by ̅CS̅̅̅ and SCLK
for easy connection with microprocessors and DSP.
The input signal is sampled with the falling edge of
̅CS̅̅̅. It uses SCLK for conversion, serial data output,
and reading serial data in. The devices allow auto
sequencing of preselected channels or manual
selection of a channel for the next conversion cycle.
There are two software selectable input ranges (0 V
to VREF and 0 V to 2 × VREF), individually
configurable GPIOs (four in case of the TSSOP and
one on the VQFN package devices), and two
programmable alarm thresholds per channel. These
features make the devices suitable for most data
acquisition applications.
The devices offer an attractive power-down feature.
This is extremely useful for power saving when the
device is operated at lower conversion speeds.




Similar Part No. - TPC5120

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPC5160 3PEAK-TPC5160 Datasheet
2Mb / 23P
16bit SAR ADC with full differential input
Rev.A.0
TPC5160-VS2R 3PEAK-TPC5160-VS2R Datasheet
2Mb / 23P
16bit SAR ADC with full differential input
Rev.A.0
logo
Vishay Siliconix
TPC51A VISHAY-TPC51A Datasheet
102Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
19-Apr-2022
More results


Similar Description - TPC5120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
12-Bit, 20kSPS SAR ADC
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
12-Bit, 555kSPS SAR ADC
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
12-Bit, 20kSPS SAR ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com