Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet (PDF) - Analog Devices

AD7482 Datasheet PDF - Analog Devices
Part # AD7482
Download  AD7482 Download
File Size   1498.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3MSPS, 12-Bit SAR ADC

AD7482 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7482 Datasheet PDF - Analog Devices

Part # AD7482
Download  AD7482 Click to download

File Size   1498.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3MSPS, 12-Bit SAR ADC

AD7482 Datasheet (HTML) - Analog Devices


AD7482 Product details

GENERAL DESCRIPTION
The AD7482 is a 12-bit, high speed, low power, successive approximation ADC. The part features a parallel interface with throughput rates up to 3 MSPS. The part contains a low noise, wide bandwidth track-and-hold that can handle input frequencies in excess of 40 MHz.

FEATURES
    Fast throughput rate: 3 MSPS
    Wide input bandwidth: 40 MHz
    No pipeline delays with SAR ADC
    Excellent dc accuracy performance
    2 parallel interface modes
    Low power: 90 mW (full power) and 2.5 mW (nap mode)
    Standby mode: 2 µA maximum
    Single 5 V supply operation
    Internal 2.5 V reference
    Full-scale overrange mode (using 13th bit)
    System offset removal via user access offset register
    Nominal 0 V to 2.5 V input with shifted range capability
    14-bit pin compatible upgrade AD7484 available




Similar Part No. - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482 Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7482ASTZ AD-AD7482ASTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7482ASTZ AD-AD7482ASTZ Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
More results


Similar Description - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7484 AD-AD7484 Datasheet
155Kb / 12P
3MSPS, 14-Bit SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
12-Bit, 20kSPS SAR ADC
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
12-BIT 125KSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
12-Bit, 555kSPS SAR ADC
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
12-Bit, 20kSPS SAR ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
3Msps, Low-Power, Serial 12-Bit ADC
2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com