Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet (PDF) - Analog Devices

AD7482 Datasheet PDF - Analog Devices
Part # AD7482
Download  AD7482 Download
File Size   527.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 MSPS, 12-Bit SAR ADC

AD7482 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7482 Datasheet PDF - Analog Devices

Part # AD7482
Download  AD7482 Click to download

File Size   527.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 MSPS, 12-Bit SAR ADC

AD7482 Datasheet (HTML) - Analog Devices


AD7482 Product details

GENERAL DESCRIPTION
The AD7482 is a 12-bit, high speed, low power, successive approximation ADC. The part features a parallel interface with throughput rates up to 3 MSPS. The part contains a low noise, wide bandwidth track-and-hold that can handle input frequencies in excess of 40 MHz.

FEATURES
    Fast throughput rate: 3 MSPS
    Wide input bandwidth: 40 MHz
    No pipeline delays with SAR ADC
    Excellent dc accuracy performance
    2 parallel interface modes
    Low power: 90 mW (full power) and 2.5 mW (nap mode)
    Standby mode: 2 µA maximum
    Single 5 V supply operation
    Internal 2.5 V reference
    Full-scale overrange mode (using 13th bit)
    System offset removal via user access offset register
    Nominal 0 V to 2.5 V input with shifted range capability
    14-bit pin compatible upgrade AD7484 available




Similar Part No. - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
AD7482 AD-AD7482 Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7482AST AD-AD7482AST Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
AD7482ASTZ AD-AD7482ASTZ Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7482BST AD-AD7482BST Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
More results


Similar Description - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7482CB AD-EVAL-AD7482CB Datasheet
928Kb / 20P
Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
EVAL-AD7482CB AD-EVAL-AD7482CB_15 Datasheet
933Kb / 20P
Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
3 MSPS, 12-Bit SAR ADC
Rev. B
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com