Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7482
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7482 Datasheet HTML 4Page - Analog Devices AD7482 Datasheet HTML 5Page - Analog Devices AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices AD7482 Datasheet HTML 10Page - Analog Devices AD7482 Datasheet HTML 11Page - Analog Devices AD7482 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
–8–
AD7482
220
BIAS
VOLTAGE
1
2
3
4
5
6
7
8
AD8021
50
AC
SIGNAL
220
10pF
–VS
+VS
–
+
VIN
10pF
Figure 2. Analog Input Circuit Used for 1 MHz Input Tone
For higher input bandwidth applications, Analog Devices’
AD8021 op amp (also available as a dual AD8022) is the
recommended choice to drive the AD7482. Figure 2 shows
the analog input circuit used to obtain the data for the FFT
plot shown in TPC 2. A bipolar analog signal is applied to
the terminal shown and biased up with a stable, low noise dc
voltage connected as shown. A 10 pF compensation capacitor
is connected between Pin 5 of the AD8021 and the negative
supply. As with the previous circuit, the AD8021 is supplied
with +12 V and –12 V supplies. The supply pins are decoupled
as close to the device as possible, with both a 0.1
µF and 10 µF
capacitor connected to each pin. In each case, the 0.1
µF capaci-
tor should be the closer of the two caps to the device. The
AD8021 logic reference pin is tied to analog ground and the
DISABLE Pin is tied to the positive supply as shown. Detailed
information on the AD8021 is available on the Analog
Devices website.
FREQUENCY – kHz
–20
10
100
–50
–70
–80
–40
1000
–30
–60
–10
0
100mV p-p SINE WAVE ON SUPPLY PINS
TPC 7. PSRR without Decoupling
1
2
3
4
5
6
7
8
AD829
1k
1k
100
AC
SIGNAL
BIAS
VOLTAGE
150
220pF
–VS
+VS
–
+
VIN
Figure 1. Analog Input Circuit Used for 10 kHz Input Tone
Figure 1 shows the analog input circuit used to obtain the
data for the FFT plot shown in TPC 1. The circuit uses an
Analog Devices AD829 op amp as the input buffer. A bipolar
analog signal is applied as shown and biased up with a stable,
low noise dc voltage connected to the labeled terminal
shown. A 220 pF compensation capacitor is connected be-
tween Pin 5 and the AD829 and the analog ground plane.
The AD829 is supplied with +12 V and –12 V supplies. The
supply pins are decoupled as close to the device as possible
with both a 0.1
F and 10
F capacitor connected to each
pin. In each case, 0.1
F capacitor should be the closer of
the two caps to the device. More information on the AD829
is available on the Analog Devices website.
TEMPERATURE – C
0.0004
–55
–25
5
35
95
125
–0.0004
–0.0008
–0.0012
–0.0016
–0.0020
0
65
TPC 8. Reference Out Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com