Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7482
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 1 Page - Analog Devices

  AD7482 Datasheet HTML 1Page - Analog Devices AD7482 Datasheet HTML 2Page - Analog Devices AD7482 Datasheet HTML 3Page - Analog Devices AD7482 Datasheet HTML 4Page - Analog Devices AD7482 Datasheet HTML 5Page - Analog Devices AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD7482
3 MSPS, 12-Bit SAR ADC
FEATURES
Fast Throughput Rate: 3 MSPS
Wide Input Bandwidth: 40 MHz
No Pipeline Delays with SAR ADC
Excellent DC Accuracy Performance
Two Parallel Interface Modes
Low Power:
90 mW (Full Power) and 2.5 mW (NAP Mode)
Standby Mode: 2
A Max
Single 5 V Supply Operation
Internal 2.5 V Reference
Full-Scale Overrange Mode (using 13th Bit)
System Offset Removal via User Access Offset Register
Nominal 0 V to 2.5 V Input with Shifted Range
Capability
14-Bit Pin Compatible Upgrade AD7484 Available
FUNCTIONAL BLOCK DIAGRAM
2.5 V
REFERENCE
NAP
MODE2
BUF
T/H
AVDD AGND
CBIAS DVDD
DGND
REFSEL
REFOUT
REFIN
VIN
12-BIT
ALGORITHMIC SAR
MODE1
CLIP
STBY
RESET
CONVST
D12
CONTROL
LOGIC AND I/O
REGISTERS
AD7482
VDRIVE
D11
D10
D9
D8
D7
D6
D5
GENERAL DESCRIPTION
The AD7482 is a 12-bit, high speed, low power, successive-
approximation ADC. The part features a parallel interface with
throughput rates up to 3 MSPS. The part contains a low noise,
wide bandwidth track-and-hold that can handle input fre-
quencies in excess of 40 MHz.
The conversion process is a proprietary algorithmic successive-
approximation technique that results in no pipeline delays. The
input signal is sampled, and a conversion is initiated on the
falling edge of the
CONVST signal. The conversion process is
controlled via an internally trimmed oscillator. Interfacing is via
standard parallel signal lines, making the part directly compat-
ible with microcontrollers and DSPs.
The AD7482 provides excellent ac and dc performance specifi-
cations. Factory trimming ensures high dc accuracy resulting in
very low INL, offset, and gain errors.
The part uses advanced design techniques to achieve very low
power dissipation at high throughput rates. Power consumption
in the normal mode of operation is 90 mW. There are two power-
saving modes: a NAP Mode that keeps the reference circuitry alive
for a quick power-up while consuming 2.5 mW, and a STANDBY
Mode that reduces power consumption to a mere 10
µW.
The AD7482 features an on-board 2.5 V reference but can also
accommodate an externally provided 2.5 V reference source. The
nominal analog input range is 0 V to 2.5 V, but an offset shift
capability allows this nominal range to be offset by
±200 mV.
This allows the user considerable flexibility in setting the bottom
end reference point of the signal range, a useful feature when
using single-supply op amps.
The AD7482 also provides the user with an 8% overrange
capability via a 13th bit. Thus, if the analog input range strays
outside the nominal by up to 8%, the user can still accurately
resolve the signal by using the 13th bit.
The AD7482 is powered by a 4.75 V to 5.25 V supply. The part
also provides a VDRIVE Pin that allows the user to set the voltage
levels for the digital interface lines. The range for this VDRIVE Pin
is 2.7 V to 5.25 V. The part is housed in a 48-lead LQFP package
and is specified over a –40
°C to +85°C temperature range.


Similar Part No. - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482 Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7482ASTZ AD-AD7482ASTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7482ASTZ AD-AD7482ASTZ Datasheet
566Kb / 21P
3 MSPS, 12-Bit SAR ADC
12/09-Rev. A to Rev. B
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
More results

Similar Description - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7484 AD-AD7484 Datasheet
155Kb / 12P
3MSPS, 14-Bit SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
12-Bit, 20kSPS SAR ADC
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
12-BIT 125KSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
12-Bit, 555kSPS SAR ADC
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
12-Bit, 20kSPS SAR ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
3Msps, Low-Power, Serial 12-Bit ADC
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com