Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7482
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices AD7482 Datasheet HTML 10Page - Analog Devices AD7482 Datasheet HTML 11Page - Analog Devices AD7482 Datasheet HTML 12Page - Analog Devices AD7482 Datasheet HTML 13Page - Analog Devices AD7482 Datasheet HTML 14Page - Analog Devices AD7482 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD7482
–11–
OFFSET/OVERRANGE
The AD7482 provides a
±8% overrange capability as well as a
programmable offset register. The overrange capability is achieved
by the use of a 13th bit (D12) and the CLIP input. If the CLIP
input is at logic high and the contents of the offset register are
zero, then the AD7482 operates as a normal 12-bit ADC. If the
input voltage is greater than the full-scale voltage, the data output
from the ADC will be all “1s.” Similarly, if the input voltage is
lower than the zero-scale voltage, the data output from the ADC
will be all “0s.” In this case, D12 acts as an overrange indicator. It
is set to “1” if the analog input voltage is outside the nominal 0 V
to 2.5 V range.
If the offset register contains any value other than “0,” the
contents of the register are added to the SAR result at the end
of conversion. This has the effect of shifting the transfer function
of the ADC as shown in Figure 11 and Figure 12. However,
it should be noted that with the CLIP input set to logic high,
the maximum and minimum codes that the AD7482 will output
will be 0xFFF and 0x000, respectively. Further details are given
in Table I and Table II.
Figure 11 shows the effect of writing a positive value to the offset
register. If, for example, the contents of the offset register
contained the value 256, then the value of the analog input
voltage for which the ADC would transition from reading all
“0s” to 000...001 (the bottom reference point) would be:
05
256
155 944
.
––
.
LSB
LSB
mV
() =
The analog input voltage for which the ADC would read full-
scale (0xFFF) in this example would be:
25
15
256
2 3428
.
– .
–
.
V
LSB
LSB
V
() =
ANALOG INPUT
0V
1LSB = V REF/4096
000...000
111...111
000...001
000...010
111...110
111...000
011...111
+VREF – 1.5LSB
–OFFSET
Figure 11. Transfer Characteristic with Positive Offset
The effect of writing a negative value to the offset register is
shown in Figure 12. If a value of –128 was written to the offset
register, the bottom end reference point would now occur at:
05
128
78 43
.
––
.
LSB
LSB
mV
() =
Following this, the analog input voltage needed to produce a
full-scale (0xFFF) result from the ADC would now be:
25
15
1282 5772
.
– .
––
.
V
LSB
LSB
V
() =
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
0.5LSB
–OFFSET
+VREF – 1.5LSB
–OFFSET
1LSB = VREF/4096
Figure 12. Transfer Characteristic with Negative Offset
Table I shows the expected ADC result for a given analog input
voltage with different offset values and with CLIP tied to logic
high. The combined advantages of the offset and overrange
features of the AD7482 are shown clearly in Table II. It shows
the same range of analog input and offset values as Table I but
with the clipping feature disabled.
Table I. Clipping Enabled (CLIP = 1)
Offset
–128
0
+256
VIN
ADC DATA, D[0:11]
D12
–200 mV
0
0
0
1 1 1
–155.94 mV
0
0
0
1 1 0
0 V
0
0
256
1 0 0
+78.43 mV
0
128
384
0 0 0
+2.3428 V
3710
3838
4095
0 0 0
+2.5 V
3967
4095
4095
0 0 1
+2.5772 V
4095
4095
4095
0 1 1
+2.7 V
4095
4095
4095
1 1 1
Table II. Clipping Disabled (CLIP = 0)
Offset
–128
0
+256
VIN
ADC DATA, D[0:12]
–200 mV
–456
–328
–72
–155.94 mV
–384
–256
0
0 V
–128
0
256
+78.43 mV
0
128
384
+2.3428 V
3710
3838
4094
+2.5 V
3968
4096
4352
+2.5772 V
4095
4223
4479
+2.7 V
4552
4680
4936
Values from –327 to +327 may be written to the offset register.
These values correspond to an offset of
±200 mV. A write to the
offset register is performed by writing a 13-bit word to the part
as detailed in the Parallel Interface section. The 10 LSBs of the
13-bit word contain the offset value, while the 3 MSBs must
be set to “0.” Failure to write zeros to the 3 MSBs may result
in the incorrect operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com