Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7482
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices AD7482 Datasheet HTML 10Page - Analog Devices AD7482 Datasheet HTML 11Page - Analog Devices AD7482 Datasheet HTML 12Page - Analog Devices AD7482 Datasheet HTML 13Page - Analog Devices AD7482 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
–10–
AD7482
Thus, the power dissipated during each cycle is:
27
42
69
mW
mW
mW
+=
Figure 7 shows the AD7482 conversion sequence operating in
normal mode.
CONVST
BUSY
1 s
300 ns
700 ns
Figure 7. Normal Mode Power Dissipation
In NAP Mode, almost all the internal circuitry is powered down.
In this mode, the power dissipation of the AD7482 is reduced
to 2.5 mW. When exiting NAP Mode, a minimum of 300 ns
when using an external reference must be waited before initiat-
ing a conversion. This is necessary to allow the internal
circuitry to settle after power-up and for the track-and-hold to
properly acquire the analog input signal. The internal reference
cannot be used in conjunction with the NAP Mode.
If the AD7482 is put into NAP Mode after each conversion, the
average power dissipation will be reduced, but the throughput rate
will be limited by the power-up time. Using the AD7482 with a
throughput rate of 500 kSPS while placing the part in NAP
Mode after each conversion would result in average power dissi-
pation as follows:
The power-up phase contributes:
() (
)
300
2
5
12
ns/
s
V
mA
9 mW
µ×
×
=
The conversion phase contributes:
(/
) (
)
.
300
2
5
18
13 5
ns
s
V
mA
mA
µ×
×
=
While in NAP Mode for the rest of the cycle, the AD7482
dissipates only 1.75 mW of power.
() (
.
)
.
1400
2
5
0 5
1 75
ns/
s
V
mA
mW
µ×
×
=
Thus, the power dissipated during each cycle is:
913 51 75
24 25
mW +
. mW + .
mW =
mW
.
Figure 8 shows the AD7482 conversion sequence if putting the
part into NAP Mode after each conversion.
CONVST
600ns
NAP
BUSY
1400ns
300ns
2
s
Figure 8. NAP Mode Power Dissipation
Figures 9 and 10 show a typical graphical representation of
power versus throughput for the AD7482 when in normal and
NAP Modes, respectively.
THROUGHPUT – kSPS
90
0
3000
500
1500
2000
2500
85
80
75
70
65
60
1000
Figure 9. Normal Mode, Power vs. Throughput
THROUGHPUT – kSPS
0
0
250
500
750
1000
1250
1500
1750
2000
10
20
30
40
50
60
70
80
90
Figure 10. NAP Mode, Power vs. Throughput
In Standby Mode, all the internal circuitry is powered down and
the power consumption of the AD7482 is reduced to 10
µW. The
power-up time necessary before a conversion can be initiated is
longer because more of the internal circuitry has been powered
down. In using the internal reference of the AD7482, the ADC
must be brought out of Standby Mode 500 ms before a conver-
sion is initiated. Initiating a conversion before the required
power-up time has elapsed will result in incorrect conversion
data. If an external reference source is used and kept powered
up while the AD7482 is in Standby Mode, the power-up time
required will be reduced to 80 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com