Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7482
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 2 Page - Analog Devices

  AD7482 Datasheet HTML 1Page - Analog Devices AD7482 Datasheet HTML 2Page - Analog Devices AD7482 Datasheet HTML 3Page - Analog Devices AD7482 Datasheet HTML 4Page - Analog Devices AD7482 Datasheet HTML 5Page - Analog Devices AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD7482–SPECIFICATIONS1
(VDD = 5 V
± 5%, AGND = DGND = 0 V, VREF = External, fSAMPLE = 3 MSPS; all specifi-
cations TMIN to TMAX and valid for VDRIVE = 2.7 V to 5.25 V, unless otherwise noted.)
Parameter
Specification
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
2, 3
Signal-to-Noise + Distortion (SINAD)
4
71
dB min
FIN = 1 MHz
72
dB typ
FIN = 1 MHz
71
dB typ
FIN = 1 MHz, Internal Reference
Total Harmonic Distortion (THD)
4
–86
dB max
–90
dB typ
–88
dB typ
Internal Reference
Peak Harmonic or Spurious Noise (SFDR)
4
–87
dB max
Intermodulation Distortion (IMD)
4
Second Order Terms
–96
dB typ
FIN1 = 95.053 kHz, FIN2 = 105.329 kHz
Third Order Terms
–94
dB typ
Aperture Delay
10
ns typ
Full-Power Bandwidth
40
MHz typ
@ 3 dB
3.5
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity
4
±0.5
LSB max
B Grade
±1
LSB max
A Grade
±0.25
LSB typ
Differential Nonlinearity
4
±0.5
LSB max
Guaranteed No Missed Codes to 12 Bits
±0.25
LSB typ
Offset Error
4
±1.5
LSB max
0.036
%FSR max
Gain Error
4
±1.5
LSB max
0.036
%FSR max
ANALOG INPUT
Input Voltage
–200
mV min
+2.7
V max
DC Leakage Current
±1
µA max
VIN from 0 V to 2.7 V
±2
µA typ
VIN = –200 mV
Input Capacitance
5
35
pF typ
REFERENCE INPUT/OUTPUT
VREFIN Input Voltage
+2.5
V
±1% for Specified Performance
VREFIN Input DC Leakage Current
±1
µA max
VREFIN Input Capacitance
5
25
pF typ
VREFIN Input Current
220
µA typ
External Reference
VREFOUT Output Voltage
+2.5
V typ
VREFOUT Error @ 25
°C
±50
mV typ
VREFOUT Error TMIN to TMAX
±100
mV max
VREFOUT Output Impedance
1
Ω typ
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE –1V min
Input Low Voltage, VINL
0.4
V max
Input Current, IIN
±1
µA max
Input Capacitance, CIN
5
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
0.7
× V
DRIVE
V min
Output Low Voltage, VOL
0.3
× VDRIVE
V max
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance
5
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
300
ns max
Track-and-Hold Acquisition Time(tACQ)70
ns max
Sine Wave Input
70
ns max
Full-Scale Step Input
Throughput Rate
2.5
MSPS max
Parallel Mode 1
3MSPS max
Parallel Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com