Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7482
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7482 Datasheet HTML 5Page - Analog Devices AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices AD7482 Datasheet HTML 10Page - Analog Devices AD7482 Datasheet HTML 11Page - Analog Devices AD7482 Datasheet HTML 12Page - Analog Devices AD7482 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD7482
–9–
CIRCUIT DESCRIPTION
C
ONVERTER OPERATION
The AD7482 is a 12-bit algorithmic successive-approximation
analog-to-digital converter based around a capacitive DAC. It
provides the user with track-and-hold, reference, an A/D con-
verter, and versatile interface logic functions on a single chip.
The normal analog input signal range that the AD7482 can
convert is 0 V to 2.5 V. By using the offset and overrange fea-
tures on the ADC, the AD7482 can convert analog input signals
from –200 mV to +2.7 V while operating from a single 5 V
supply. The part requires a 2.5 V reference, which can be
provided from the part’s own internal reference or an exter-
nal reference source. Figure 3 shows a very simplified
schematic of the ADC. The control logic, SAR, and capaci-
tive DAC are used to add and subtract fixed amounts of
charge from the sampling capacitor to bring the comparator
back to a balanced condition.
CAPACITIVE
DAC
SWITCHES
VIN
VREF
SAR
CONTROL
LOGIC
CONTROL
INPUTS
OUTPUT DATA
12-BIT PARALLEL
COMPARATOR
Figure 3. Simplified Block Diagram of AD7482
Conversion is initiated on the AD7482 by pulsing the
CONVST
input. On the falling edge of
CONVST, the track-and-hold
goes from track mode to hold mode and the conversion
sequence is started. Conversion time for the part is 300 ns.
Figure 4 shows the ADC during conversion. When conversion
starts, SW2 will open and SW1 will move to Position B, causing
the comparator to become unbalanced. The ADC then runs
through its successive-approximation routine and brings the
comparator back into a balanced condition. When the compara-
tor is rebalanced, the conversion result is available in the
SAR Register.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
–
SW1
SW2
AGND
VIN
A
B
Figure 4. ADC Conversion Phase
At the end of conversion, the track-and-hold returns to track mode
and the acquisition time begins. The track-and-hold acquisition
time is 40 ns. Figure 5 shows the ADC during its acquisition
phase. SW2 is closed and SW1 is in Position A. The comparator
is held in a balanced condition and the sampling capacitor
acquires the signal on VIN.
CAPACITIVE
DAC
COMPARATOR
CONTROL LOGIC
+
–
SW1
SW2
AGND
VIN
A
B
Figure 5. ADC Acquisition Phase
ADC TRANSFER FUNCTION
The output coding of the AD7482 is straight binary. The designed
code transitions occur midway between the successive integer
LSB values (i.e., 1/2 LSB, 3/2 LSB, and so on). The LSB size
is VREF/4096. The nominal transfer characteristic for the AD7482
is shown in Figure 6. This transfer characteristic may be shifted
as detailed in the Offset/Overrange section.
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
0.5LSB
+VREF – 1.5LSB
1LSB = V REF/4096
Figure 6. AD7482 Transfer Characteristic
POWER SAVING
The AD7482 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. In addition to
this, the AD7482 features two power saving modes, NAP and
Standby. These modes are selected by bringing either the NAP or
STBY Pin to a logic high, respectively.
When operating the AD7482 in normal fully powered mode, the
current consumption is 18 mA during conversion and the quies-
cent current is 12 mA. Operating at a throughput rate of 1 MSPS,
the conversion time of 300 ns contributes 27 mW to the overall
power dissipation.
300
1
5
18
27
ns
s
V
mA
mW
/
µ
()××
() =
For the remaining 700 ns of the cycle, the AD7482 dissipates
42 mW of power.
700
1
5
12
42
ns
s
V
mA
mW
/
µ
()××
() =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com