Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5162 Datasheet (PDF) - Analog Devices

ADRF5162 Datasheet PDF - Analog Devices
Part # ADRF5162
Download  ADRF5162 Download
File Size   712.61 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz

ADRF5162 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5162 Datasheet PDF - Analog Devices

Part # ADRF5162
Download  ADRF5162 Click to download

File Size   712.61 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz

ADRF5162 Datasheet (HTML) - Analog Devices


ADRF5162 Product details

FEATURES
► Frequency range: 0.4 GHz to 8 GHz
► Low insertion loss: 0.6 dB typical to 4 GHz
► High Isolation: 45 dB typical to 4 GHz
► High input linearity
► 0.1 dB power compression (P0.1dB): 50 dBm
► Third order intercept (IP3): >76 dBm
► High power handling at TCASE = 85°C:
► Insertion loss path
► Average: 45.5 dBm
► Pulsed (>100 ns pulse width, 15% duty cycle): 48.5 dBm
► Peak (≤100 ns peak duration, 5% duty cycle): 50 dBm
► Hot-switching at RFC: 43 dBm
► 0.1 dB RF settling time with PIN ≤ 43 dBm: 1.2 μs
► No low frequency spurious
► Positive control interface: CMOS/LVTTL-compatible
► 24-lead, 4.0 mm × 4.0 mm LFCSP package
APPLICATIONS
► Military radios, radars, and electronic counter measures
► Cellular infrastructure
► Test and instrumentation
► GaN and PIN diode replacement




Similar Part No. - ADRF5162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5160 AD-ADRF5160 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5160-EVALZ AD-ADRF5160-EVALZ Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5160BCPZ AD-ADRF5160BCPZ Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5160BCPZ-R7 AD-ADRF5160BCPZ-R7 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
More results


Similar Description - ADRF5162

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Skyworks Solutions Inc.
SKY13581-676LF SKYWORKS-SKY13581-676LF Datasheet
149Kb / 2P
0.4 to 3.8 GHz SPDT Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5160 AD-ADRF5160 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com