Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98090 Datasheet (PDF) - Analog Devices

MAX98090 Datasheet PDF - Analog Devices
Part # MAX98090
Download  MAX98090 Download
File Size   8544.8 Kbytes
Page   170 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power Stereo Audio Codec

MAX98090 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98090 Datasheet PDF - Analog Devices

Part # MAX98090
Download  MAX98090 Click to download

File Size   8544.8 Kbytes
Page   170 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power Stereo Audio Codec

MAX98090 Datasheet (HTML) - Analog Devices


MAX98090 Product details

Benefits and Features
●102dB DR Stereo DAC to HP (8kHz < fS < 96kHz)
●3.6mW Stereo Playback Power Consumption
●99dB DR Stereo ADC (8kHz < fS < 96kHz)
●4.2mW Stereo Record Power Consumption
●3 Stereo Single-Ended/Differential Analog Microphone/Line Inputs (WLP Version)
●Stereo PDM Digital Microphone Input
●Master Clock Frequencies from 256 x fS to 60MHz
●I2S/LJ/RJ/TDM Digital Audio Interface
●FlexSound Technology Signal Processing
• Record Path Biquad Filter
• Playback Path 7-Band Parametric EQ
• Playback Path Automatic Level Control
• Digital Filtering and Gain/Level Control
●Stereo Low EMI Class D Speaker Amplifiers
• 3.2W/Channel (RL = 4Ω, VSPK_VDD = 5V, WLP)
• 1.8W/Channel (RL = 8Ω, VSPK_VDD = 5V, WLP)
●Stereo DirectDrive Class H Headphone Amplifier Jack Detection and Identification
●Differential Receiver Amplifier/Stereo Line Output
●Extensive Click-and-Pop Reduction Circuitry
●RF Immune Analog Inputs and Outputs
●Programmable Microphone Bias
●I2C Control Interface with Two Address Options
●49-Bump 0.4mm WLP and 40-Pin TQFN Packages




Similar Part No. - MAX98090

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
MAX98090A MAXIM-MAX98090A Datasheet
8Mb / 170P
Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
MAX98090B MAXIM-MAX98090B Datasheet
8Mb / 170P
Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
MAX98090EVKIT#TQFN MAXIM-MAX98090EVKIT#TQFN Datasheet
2Mb / 32P
MAX98090 Evaluation Kit (TQFN)
19-7461; Rev 1; 7/16
MAX98090EVKITTQFN MAXIM-MAX98090EVKITTQFN Datasheet
2Mb / 32P
MAX98090 Evaluation Kit (TQFN)
19-7461; Rev 1; 7/16
More results


Similar Description - MAX98090

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
Ultra-Low Power Stereo Audio Codec
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com