Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM1109 Datasheet (PDF) - Excelliance MOS Corp.

EM1109 Datasheet PDF - Excelliance MOS Corp.
Part # EM1109
Download  EM1109 Download
File Size   1122.62 Kbytes
Page   11 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 1A Low Dropout Adjustable and Fixed Mode Regulator

EM1109 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM1109 Datasheet PDF - Excelliance MOS Corp.

Part # EM1109
Download  EM1109 Click to download

File Size   1122.62 Kbytes
Page   11 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 1A Low Dropout Adjustable and Fixed Mode Regulator

EM1109 Datasheet (HTML) - Excelliance MOS Corp.


EM1109 Product details

General Description
The EM1109 performs ultra- low drop voltage,
high power supply rejection ratio (PSRR), fast
response, low noise linear regulator, and designed
to continuously deliver up to 1A output current.
The EM1109 has wide adjustable output voltage
range and high output accuracy to 1.5%.
No by-pass capacitor is needed for this device
and only 4.7uF ceramic capacitor is required for
stability in any loading conditions. It reduces the
amount of board space necessary for power
applications.
The other features include soft start, current
limit protection, Power-On-Reset function, and
over temperature protection. The EM1109 is
available in DFN3X3-08L package.

Features
 Ultra Fast Response in Line/Load Transient
 Wide VIN Range from 2.5V to 5.5V
 Fixed Output Voltage from 1V to 3.3V
 Ultra Low Dropout Voltage: 450mV @1A
 Low Shutdown Current < 1uA
 Only 4.7uF Ceramic Capacitor required for
stability
 Over Temperature Protection
 Current Limit Protection
 RoHS Compliant and 100% Lead (Pb)-Free

Applications
 Cellular Handsets
 Battery-Powered Equipment
 Laptop, Palmtops, Notebook Computers
 Hand-Held Instruments
 PCMCIA Cards
 Portable Information Applications




Similar Part No. - EM1109

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM1109A EXCELLIANCE-EM1109A Datasheet
568Kb / 11P
1A Low Dropout and Adjustable Mode Regulator
2018/06/11 A.0
EM1109AV-AD EXCELLIANCE-EM1109AV-AD Datasheet
568Kb / 11P
1A Low Dropout and Adjustable Mode Regulator
2018/06/11 A.0
EM1109BV EXCELLIANCE-EM1109BV Datasheet
1Mb / 16P
1A Low Dropout and Adjustable Mode Regulator
2020/12/30 A.1
EM1109BV-XX EXCELLIANCE-EM1109BV-XX Datasheet
1Mb / 16P
1A Low Dropout and Adjustable Mode Regulator
2020/12/30 A.1
More results


Similar Description - EM1109

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 2
AP7361 DIODES-AP7361_17 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com