Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5841D Datasheet (PDF) - Excelliance MOS Corp.

EM5841D Datasheet PDF - Excelliance MOS Corp.
Part # EM5841D
Download  EM5841D Download
File Size   1455.29 Kbytes
Page   15 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 5V, 3.5A, High Efficiency COT Mode Synchronous Buck Converter

EM5841D Datasheet (PDF)

Go To PDF Page Download Datasheet
EM5841D Datasheet PDF - Excelliance MOS Corp.

Part # EM5841D
Download  EM5841D Click to download

File Size   1455.29 Kbytes
Page   15 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 5V, 3.5A, High Efficiency COT Mode Synchronous Buck Converter

EM5841D Datasheet (HTML) - Excelliance MOS Corp.


EM5841D Product details

General Description
The EM5841D is a high efficiency synchronous buck converter.
It can support 3.5A continuous output current. The constant
on-time control provides fast transient response and allows a
small footprint when designed all ceramic output capacitors.
Other features include internal soft-start, under-voltage
protection, over-voltage protection, cycle-by-cycle current
limit and thermal shutdown function. With aforementioned
functions, these parts provide customers a compact, high
efficiency, well-protected and cost-effective solutions. These
parts are available in DFN3.0X3.0-10 package.

Applications
 Notebook & Tablet
 Graphic Cards & MB
 Low Voltage Logic Supplies
 Chipset Supplies
 Server System
 SMPS Post Regulators

Features
 Constant On Time Control
 2.7V to 5.5V Operating Input Range
 0.6V, 1% Voltage Reference Accuracy
 Up to 3.5A Output Current
 Stable with Low ESR Output Ceramic Capacitors
 Default 1 MHz frequency operation
 Internal Soft Start / Soft Stop
 80m and 60m Internal Power MOSFET Switches
 Cycle-by-Cycle Current Limit
 Output Under Voltage Protection
 Output Over Voltage Protection
 Power Good Indicator for Power Sequence Control
 Quickly Output Wake- up Response
 FCCM Mode
 Available in a DFN3.0X3.0-10 Package




Similar Part No. - EM5841D

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM584161 ETRON-EM584161 Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-70 ETRON-EM584161BA-70 Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-70E ETRON-EM584161BA-70E Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-85 ETRON-EM584161BA-85 Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-85E ETRON-EM584161BA-85E Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
More results


Similar Description - EM5841D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
High Efficiency 1A Synchronous Buck Converter
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5380 GMT-G5380 Datasheet
59Kb / 1P
High Efficiency 8A Synchronous Buck Converter for 5V System Power
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5330A GMT-G5330A Datasheet
59Kb / 1P
High Efficiency 10A Synchronous Buck Converter for 5V System Power
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com