Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPS1000 Datasheet (PDF) - Nexperia B.V. All rights reserved

NPS1000 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NPS1000
Download  NPS1000 Download
File Size   1050.99 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 0.5 V to 1.0 V, 1.5 A peak, 11 mΩ, load switch

NPS1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPS1000 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NPS1000
Download  NPS1000 Click to download

File Size   1050.99 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 0.5 V to 1.0 V, 1.5 A peak, 11 mΩ, load switch

NPS1000 Datasheet (HTML) - Nexperia B.V. All rights reserved


NPS1000 Product details

General description
NPS1000 is a low voltage, single-channel load switch
with a low RDS,ON (11 mΩ) to minimize IR drop and
power loss. It supports up to 0.6 A RMS current and a
peak current of 1.5 A.
The switch is controlled by an EN input which is
compatible with 1.2 V logic levels. When the load
switch is enabled, the internal switch charges the
output capacitor with a controlled inrush current.
When the switch is disabled, an 8 Ω on-chip resistor
discharges the output to ground and keeps it from
floating.
The IC is powered from a separate BIAS pin which is
rated for 2.3 V to 5.0 V operation.
NPS1000 has an over-temperature protection that
latches the device OFF when the internal junction
temperature is above the set point (Tth(OTLO)). At this
time, the internal switch is turned off and the output
discharge element turns on to discharge the output
capacitor. The load switch can be enabled again by
toggling the EN pin.
NPS1000 is available in an ultra-small, space
saving, wafer level chip-scale package; 8 bumps;
1.42 mm × 0.72 mm × 0.465 mm body and is
characterized for operation over junction temperature
range of –40 °C to 105 °C.

Features and benefits
• 0.5 V – 1.0 V operation voltage
• Low RDS,ON: 11 mΩ typical at 25 °C, 16 mΩ
(maximum) at 85 °C
• Enable logic supports 1.2 V logic levels
• 0.6 A RMS and 1.5 A peak current capability
• Controlled start-up
• <200 µs from enable to full enhancement of
power FET
• Output short tolerant
• When supplied by a 4.5 A current limited power
supply
• Over-temperature shutdown and input UVLO
protection
• 8 Ω discharge while disabled
• Small package footprint
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C2a
exceeds 500 V
• Specified from TJ
= -40 °C to +105 °C

Applications
• Mobile phones
• Wearables




Similar Part No. - NPS1000

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
NPS16V100MTA5X5 MERITEK-NPS16V100MTA5X5 Datasheet
276Kb / 2P
Aluminum Electrolytic Capacitors
NPS16V100MTR5X5 MERITEK-NPS16V100MTR5X5 Datasheet
276Kb / 2P
Aluminum Electrolytic Capacitors
More results


Similar Description - NPS1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H2201-SP TI1-TPS7H2201-SP Datasheet
916Kb / 31P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_18 Datasheet
917Kb / 32P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI1-TPS7H2201-SP_19 Datasheet
1Mb / 32P
Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
TPS7H2201-SP TI-TPS7H2201-SP_V01 Datasheet
1Mb / 40P
TPS7H2201-SP Radiation Hardened 1.5-V to 7-V, 6-A Load Switch
MAY 2019
TPS7H2221-SEP TI-TPS7H2221-SEP Datasheet
1Mb / 26P
TPS7H2221-SEP Radiation Tolerant 5.5-V, 1.25-A, 115-mΩ Load Switch
AUGUST 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
logo
Renesas Technology Corp
SLG59M1446V RENESAS-SLG59M1446V Datasheet
607Kb / 15P
Ultra-small Dual 40 mΩ, 1.0 A Load Switch with Discharge
2-Feb-2022
SLG59M1512V RENESAS-SLG59M1512V Datasheet
606Kb / 15P
Ultra-small Dual 80 mΩ, 1.0 A Load Switch with Discharge
2-Feb-2022
SLG59M1558V RENESAS-SLG59M1558V Datasheet
567Kb / 15P
An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch
2-Feb-2022
SLG5NT1734V RENESAS-SLG5NT1734V Datasheet
814Kb / 18P
Ultra-small 28.5 mΩ, 1.0 A Load Switch with Discharge
February 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com