Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPS4001 Datasheet (PDF) - Nexperia B.V. All rights reserved

NPS4001 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NPS4001
Download  NPS4001 Download
File Size   1006.11 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 5.5 V, 55 mΩ load switch with current limitation

NPS4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPS4001 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NPS4001
Download  NPS4001 Click to download

File Size   1006.11 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 5.5 V, 55 mΩ load switch with current limitation

NPS4001 Datasheet (HTML) - Nexperia B.V. All rights reserved


NPS4001 Product details

General description
The NPS4001 is a 5.5 V, 55 mΩ load switch suitable
for applications up to 2 A.
The NPS4001 switch limits the output current to a
constant current by using a constant-current mode
when the output load exceeds the current limit
threshold or shorted. An internal voltage comparator
disables the load switch when the output voltage is
higher than the input to protect devices on the input
side of the switch. The FLG pin is an active low output
to indicate overcurrent, over temperature and reverse
voltage conditions.

Features and benefits
• Input operating voltage range (VIN): 2.5 V to 5.5 V
• Rated current (IMAX): 2 A
• ON resistance (RDS(on)):
• VIN = 5.5 V: 55 mΩ (typical)
• VIN = 3.6 V: 65 mΩ (typical)
• VIN = 2.5 V: 80 mΩ (typical)
• Constant current during current limit
• No body diode when disabled (no current path from
pin OUT to pin IN)
• Active reverse voltage protection
• Built in soft start
• UL 62368 recognition
• SOT753 (TSOP5) package
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C2a
exceeds 500 V
• IEC 61000-4-2 contact discharge 8000 V
• IEC 61000-4-2 air-gap discharge 15000 V
• Specified from -40 °C to +125 °C

Applications
• USB ports/hubs, laptops, docking station and
desktops
• Set top box
• HDTV
• Optical socket protection
• Current limiting circuits




Similar Part No. - NPS4001

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPS40 NAINA-NPS40 Datasheet
153Kb / 2P
Improved glass passivation for high reliability
logo
Advanced Energy Industr...
NPS40-M ADVANCEDENERGY-NPS40-M Datasheet
619Kb / 5P
ARTESYN NPS40-M SERIES 40 W
3.27.23
logo
Nexperia B.V. All right...
NPS4053 NEXPERIA-NPS4053 Datasheet
1Mb / 23P
5.5 V, 55 mΩ load switch with precision adjustable current limit
Rev. 2 - 20 October 2023
NPS4053-Q100 NEXPERIA-NPS4053-Q100 Datasheet
1Mb / 23P
5.5 V, 55 mΩ load switch with precision adjustable current limit
Rev. 2 - 20 October 2023
NPS4069 NEXPERIA-NPS4069 Datasheet
920Kb / 17P
5.5 V, 55 mΩ load switch with current limitation
Rev. 1 - 25 April 2024
More results


Similar Description - NPS4001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
Load current limitation
17-Oct-2016
logo
Texas Instruments
TPS22948 TI1-TPS22948 Datasheet
1Mb / 19P
TPS22948 5.5-V, 240-mA Current Limited Load Switch with Reverse Current Blocking
TPS22948 TI1-TPS22948_V01 Datasheet
1Mb / 19P
TPS22948 5.5-V, 240-mA Current Limited Load Switch with Reverse Current Blocking
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS7H2221-SEP TI-TPS7H2221-SEP Datasheet
1Mb / 26P
TPS7H2221-SEP Radiation Tolerant 5.5-V, 1.25-A, 115-mΩ Load Switch
AUGUST 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS7H2221-SEP TI-TPS7H2221-SEP_V01 Datasheet
1Mb / 29P
TPS7H2221-SEP Radiation Tolerant 5.5-V, 1.25-A, 115-mΩ Load Switch
REVISED OCTOBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com