Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523KGN Datasheet (PDF) - Leadtrend Technology

LD5523KGN Datasheet PDF - Leadtrend Technology
Part # LD5523KGN
Download  LD5523KGN Download
File Size   886.73 Kbytes
Page   17 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP

LD5523KGN Datasheet (PDF)

Go To PDF Page Download Datasheet
LD5523KGN Datasheet PDF - Leadtrend Technology

Part # LD5523KGN
Download  LD5523KGN Click to download

File Size   886.73 Kbytes
Page   17 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP

LD5523KGN Datasheet (HTML) - Leadtrend Technology


LD5523KGN Product details

General Description
In order to enhance the efficiency performance, the
LD5523K integrates the multi-mode PWM controller,
which consists of Quasi-Resonant (QR) PWM control for
light load condition and Continue Conduction Mode
(CCM) for heavy load condition. Moreover, the QR
controller not only gains the system performance, but
also brings the worse EMI capability, while the
frequency swapping function of LD5523K can reduce
the EMI emission of SMPS and helps the power circuit
designers to simply deal with EMI filter and saves
several component and developing time.
The LD5523K is implemented in SOT-26 package, and
includes the comprehensive protection function, such as
Over Load Protection (OLP), Over Voltage Protection
(OVP), Output Short Circuit Protection (OSCP) and
internal Over Temperature Protection (OTP).
Furthermore, the programmable brown-in/out and bulk
cap. OVP protection is built-in.

Features
 Secondary-side feedback control with
quasi-resonant + CCM operation
 Low Startup Current (<1A)
 0.285mA Ultra-low operating current at light load
 Current Mode Control with Cycle-by-Cycle Current
Limit
 Green Mode Control
 UVLO (Under Voltage Lockout)
 LEB (Leading-Edge Blanking) on CS Pin
 VCC OVP (Over Voltage Protection)
 Adj. OVP / UVP on FB pin
 Adj. BNI/BNO, Bulk cap. OVP on FB pin
 OLP (Over Load Protection)
 External OTP (Over Temperature Protection) on
CS Pin
 Internal OTP (Over Temperature Protection)
 SDSP (Secondary Diode Short Protection)
 Gate Source/Sink Capability: 350mA/-355mA @
output pin with 33nF capacitor.

Applications
 Switching AC/DC Adaptor




Similar Part No. - LD5523KGN

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5523D2 LEADTREND-LD5523D2 Datasheet
968Kb / 17P
PWMQR Multi-mode Controller with Primary Side Regulation
REV. 00
LD5523D2GL LEADTREND-LD5523D2GL Datasheet
968Kb / 17P
PWMQR Multi-mode Controller with Primary Side Regulation
REV. 00
LD5523M1 LEADTREND-LD5523M1 Datasheet
947Kb / 16P
Multi-Mode PWM Controller of Flyback with Frequency Swapping and Integrated Protection
REV.00
LD5523M1GL LEADTREND-LD5523M1GL Datasheet
947Kb / 16P
Multi-Mode PWM Controller of Flyback with Frequency Swapping and Integrated Protection
REV.00
LD5523T LEADTREND-LD5523T Datasheet
591Kb / 15P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
More results


Similar Description - LD5523KGN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
Green mode PFC/Flyback-PWM Controller
logo
Richtek Technology Corp...
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
Burst Triple Mode PWM Flyback Controller
logo
Leadtrend Technology
LD5525 LEADTREND-LD5525 Datasheet
734Kb / 16P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
Green mode PWM Flyback Controller
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
Green mode PWM Flyback Controller with External Over
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com