Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523M1GL Datasheet (PDF) - Leadtrend Technology

LD5523M1GL Datasheet PDF - Leadtrend Technology
Part # LD5523M1GL
Download  LD5523M1GL Download
File Size   947.4 Kbytes
Page   16 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Multi-Mode PWM Controller of Flyback with Frequency Swapping and Integrated Protection

LD5523M1GL Datasheet (PDF)

Go To PDF Page Download Datasheet
LD5523M1GL Datasheet PDF - Leadtrend Technology

Part # LD5523M1GL
Download  LD5523M1GL Click to download

File Size   947.4 Kbytes
Page   16 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Multi-Mode PWM Controller of Flyback with Frequency Swapping and Integrated Protection

LD5523M1GL Datasheet (HTML) - Leadtrend Technology


LD5523M1GL Product details

General Description
In order to enhance the efficiency performance, the
LD5523M1 integrates the multi-mode PWM controller,
which consists of Quasi-Resonant (QR) PWM control for
light load condition and peak load mode for heavy load
condition. Moreover, the QR controller not only gains
the system performance, but also brings the worse EMI
capability, while the frequency swapping function of
LD5523M1 can reduce the EMI emission of SMPS and
helps the power circuit designers to simply deal with
EMI filter and saves several component and developing
time.
The LD5523M1 is implemented in SOT-26 package,
and includes the comprehensive protection function,
such as Over Power Protection (OPP), Over Voltage
Protection (OVP), Output Short Circuit Protection
(OSCP) and internal Over Temperature Protection
(OTP). Furthermore, the programmable brown-in/out
protection is built-in.

Features
 Low Startup Current (<1A)
 0.26mA Ultra-low operating current at light load
 Current Mode Control with Cycle-by-Cycle Current
Limit
 Green Mode Control
 UVLO (Under Voltage Lockout)
 LEB (Leading-Edge Blanking) on CS Pin
 VCC OVP (Over Voltage Protection)
 Adj. OVP (Over Voltage Protection) on FB pin.
 OPP (Over Power Protection)
 External OTP (Over Temperature Protection) on
CS Pin
 Internal OTP (Over Temperature Protection)
 SDSP (Secondary Diode Short Protection)
 Gate Source/Sink Capability: 190mA/-150mA @
output pin with 33nF capacitor.

Applications
 Switching AC/DC Adaptor




Similar Part No. - LD5523M1GL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5523D2 LEADTREND-LD5523D2 Datasheet
968Kb / 17P
PWMQR Multi-mode Controller with Primary Side Regulation
REV. 00
LD5523D2GL LEADTREND-LD5523D2GL Datasheet
968Kb / 17P
PWMQR Multi-mode Controller with Primary Side Regulation
REV. 00
LD5523K LEADTREND-LD5523K Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
LD5523KGL LEADTREND-LD5523KGL Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
LD5523KGN LEADTREND-LD5523KGN Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
More results


Similar Description - LD5523M1GL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5525 LEADTREND-LD5525 Datasheet
734Kb / 16P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
logo
Excelliance MOS Corp.
EM8635 EXCELLIANCE-EM8635 Datasheet
291Kb / 13P
Green mode PWM Flyback Controller with Brown-Out Protection
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5532 LEADTREND-LD5532 Datasheet
342Kb / 18P
Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
07/08/2014
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com