Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5762E1 Datasheet (PDF) - Leadtrend Technology

LD5762E1 Datasheet PDF - Leadtrend Technology
Part # LD5762E1
Download  LD5762E1 Download
File Size   579.12 Kbytes
Page   19 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Green-Mode PWM Controller with BNO Function

LD5762E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD5762E1 Datasheet PDF - Leadtrend Technology

Part # LD5762E1
Download  LD5762E1 Click to download

File Size   579.12 Kbytes
Page   19 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Green-Mode PWM Controller with BNO Function

LD5762E1 Datasheet (HTML) - Leadtrend Technology


LD5762E1 Product details

General Description
The LD5762E1 is a green-mode PWM IC built-in with
brown-in/ out functions in a SOP-7/SOP-8 package. The
device could therefore minimize the component counts,
circuit space, and reduces the overall material cost of
power applications.
The LD5762E1 features HV start, sleep-mode,
green-mode power-saving operation, and internal slope
compensation, soft-start functions which could minimum
the power loss and improve the system performance.
With complete protection with it, like OPP (Over Power
Protection), OVP (Over Voltage Protection), and
brown-in/out protection, LD5762E1 prevents the circuit
from being damaged in abnormal conditions.
Furthermore, the LD5762E1 features frequency
swapping and soft driving function to minimize the noise
and improve EMI.

Features
 Secondary-side feedback control with
quasi-resonant + CCM operation
 High-Voltage (700V) Startup Circuit
 Operating Current: 0.25mA(VCOMP=0)
 Built-in Brown-in/out Function on HV pin
 Built- in X-Cap Discharge on HV pin
 OVP (Over Voltage Protection) on VCC/FB
 UVP (Over Voltage Protection) on FB
 OPP (Over Power Protection)
 OSCP(Output Short Circuit Protection)
 External OTP (Over Temperature Protection) on CS
 SDSP (Secondary Diode Short Protection)
 Gate Source/Sink Capability: +70mA/-750mA
@ output pin with 33nF capacitor.

Applications
 Switching AC/DC Adaptor




Similar Part No. - LD5762E1

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5762E LEADTREND-LD5762E Datasheet
773Kb / 19P
High Voltage Multi-Mode PWM Controller with BNO Function
REV. 00
LD5762EGR LEADTREND-LD5762EGR Datasheet
773Kb / 19P
High Voltage Multi-Mode PWM Controller with BNO Function
REV. 00
LD5762EGS LEADTREND-LD5762EGS Datasheet
773Kb / 19P
High Voltage Multi-Mode PWM Controller with BNO Function
REV. 00
More results


Similar Description - LD5762E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
BCD Semiconductor Manuf...
AP3106 BCDSEMI-AP3106 Datasheet
345Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Rev 2
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Leadtrend Technology
LD5760 LEADTREND-LD5760 Datasheet
726Kb / 20P
High Voltage Green-Mode PWM Controller with Brown-In/Out Function
LD5525 LEADTREND-LD5525 Datasheet
734Kb / 16P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
logo
Princeton Technology Co...
RS2542 PTC-RS2542 Datasheet
254Kb / 5P
700V High Voltage Green Mode PWM Controller with Brownout
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
High Voltage Green Mode PWM Controller
logo
Diodes Incorporated
AP3107Z DIODES-AP3107Z Datasheet
644Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
March 2015 Rev. 3 - 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com