Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3107Z Datasheet (PDF) - Diodes Incorporated

AP3107Z Datasheet PDF - Diodes Incorporated
Part # AP3107Z
Download  AP3107Z Download
File Size   644.26 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE GREEN MODE PWM CONTROLLER

AP3107Z Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3107Z Datasheet PDF - Diodes Incorporated

Part # AP3107Z
Download  AP3107Z Click to download

File Size   644.26 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE GREEN MODE PWM CONTROLLER

AP3107Z Datasheet (HTML) - Diodes Incorporated


AP3107Z Product details

Features
• High-voltage Start-up Circuit
• Low Start-up Current: 15μA Max.
• Fixed Oscillation Frequency: 65kHz
• Ultra Low Standby Power Application
• Non-audible-noise Green Mode Control
• LEB (Leading-edge Blanking) on SENSE Pin
• Soft Driving
• Fast OCP for Abnormal Short Circuit
• Frequency Linearly Decreasing at Light Load
• Internal Slope Compensation
• Programmable Brownout Protection
• Useful Pin Fault Protections
• SENSE, FB Pins Floating
• FB Short to Ground
• Comprehensive System Protections
• VCC Over Voltage Protection (VOVP)
• Over Temperature Protection (OTP)
• Constant Over Load Protection (COLP)
• Short Circuit Protection (SCP)
• Compact Size SO-7 Package
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Switching AC/DC Adaptor
• LCD Monitor/TV Power
• Open Frame Switching Power Supply




Similar Part No. - AP3107Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3101 BCDSEMI-AP3101 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
logo
BCD Semiconductor Manuf...
AP3101M-E1 BCDSEMI-AP3101M-E1 Datasheet
226Kb / 14P
GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3101M-E1 DIODES-AP3101M-E1 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
AP3101M-G1 DIODES-AP3101M-G1 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
More results


Similar Description - AP3107Z

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3106 BCDSEMI-AP3106 Datasheet
345Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Rev 2
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Leadtrend Technology
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
High Voltage Green Mode PWM Controller
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com