Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3107Z Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3107Z
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3107Z Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3107Z Datasheet HTML 1Page - Diodes Incorporated AP3107Z Datasheet HTML 2Page - Diodes Incorporated AP3107Z Datasheet HTML 3Page - Diodes Incorporated AP3107Z Datasheet HTML 4Page - Diodes Incorporated AP3107Z Datasheet HTML 5Page - Diodes Incorporated AP3107Z Datasheet HTML 6Page - Diodes Incorporated AP3107Z Datasheet HTML 7Page - Diodes Incorporated AP3107Z Datasheet HTML 8Page - Diodes Incorporated AP3107Z Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP3107Z
Document number: DS36677 Rev. 3 - 3
2 of 11
www.diodes.com
March 2015
© Diodes Incorporated
AP3107Z
A Product Line of
Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE AP3125 Series
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin Name
Function
1
BNO
Brownout Protection Pin. Connected to GND by a resistor to set the brownout level. This pin is
shortened to the ground to set the maximum brownout voltage
2
FB
Voltage Feedback Pin., Connecting it with an opto-coupler to close the control loop can
achieve system regulation
3
SENSE
Current Sense Pin. Connect it to sense the MOSFET current
4
GND
Ground
5
GATE
Gate drive output to drive the external MOSFET
6
VCC
Supply Voltage Pin
7
HV
Connect this pin to the positive terminal of bulk capacitor to provide start-up current for the
controller. When VCC voltage reaches UVLO (on), this HV loop will be turned off to save the
power loss of the start-up circuit
R10
5.1k
C10 0.1
F
C4
R9
4.7k
R8
20k
C3
2nF
R4
R12
620
R7
0.5
Q1
7N60
BD1
R2
100k
VOUT
J1
C2
100
F
1
2
4
3
U2
U3 AZ431
D2
FR107
R5
510
R1
20k
C9
470
F
L2 5
H
D3
C8
1000
F
T
HV
BNO
GATE
VCC
FB
GND
U1 AP3107Z
22
F
C1
D1
C7
C6
C5
SENSE
2k
R11
0.1
F
470pF
R3
R6
MBR20H100C
L1
J2
C11
D4
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com