Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3107Z Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3107Z
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3107Z Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3107Z Datasheet HTML 1Page - Diodes Incorporated AP3107Z Datasheet HTML 2Page - Diodes Incorporated AP3107Z Datasheet HTML 3Page - Diodes Incorporated AP3107Z Datasheet HTML 4Page - Diodes Incorporated AP3107Z Datasheet HTML 5Page - Diodes Incorporated AP3107Z Datasheet HTML 6Page - Diodes Incorporated AP3107Z Datasheet HTML 7Page - Diodes Incorporated AP3107Z Datasheet HTML 8Page - Diodes Incorporated AP3107Z Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP3107Z
Document number: DS36677 Rev. 3 - 3
3 of 11
www.diodes.com
March 2015
© Diodes Incorporated
AP3107Z
A Product Line of
Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE AP3125 Series
Functional Block Diagram
Soft
Driver
18V
QB
D
CLK
RB
DFF
OSC with
Frequency Dithering
2R2
OCP
0.85V
Burst
Mode
PWM
OLP
OLP
OTP
VCC OVP
UVLO
UVLO
16V
Internal Bias
0.3V
PG
25
s
Filter
4ms
Soft Start
OTP
140℃
FOCP
35V
8.6V
R2
1.1V
VCC
6
FB
2
GND
4
SENSE
3
GATE
5
HV
7
250ns LEB
R3
R1
BNO
1
BNO Sense
Line Sense
Line Sense
28V
VCC OVP
OVP
2.2V
35ms
Filter
OLP
BOK OFF
BOK ON/OFF
Line Sense
PG
VDD
BOK ON
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com