Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5762LGR Datasheet (PDF) - Leadtrend Technology

LD5762LGR Datasheet PDF - Leadtrend Technology
Part # LD5762LGR
Download  LD5762LGR Download
File Size   1308.9 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Multi-Mode PWM Controller with BNO Function

LD5762LGR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD5762LGR Datasheet PDF - Leadtrend Technology

Part # LD5762LGR
Download  LD5762LGR Click to download

File Size   1308.9 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description High Voltage Multi-Mode PWM Controller with BNO Function

LD5762LGR Datasheet (HTML) - Leadtrend Technology


LD5762LGR Product details

General Description
The LD5762L is a green mode PWM IC built-in with
brown-in/ out functions in a SOP-7 package. The device
can therefore minimize the component counts, circuit
space, and reduce the overall material cost of power
applications.
The LD5762L features HV start, sleep-mode, green-mode
power-saving operation, and internal slope compensation,
soft-start functions which could minimum the power loss
and improve the system performance.
With complete protection with it, like OPP (Over Power
Protection), OVP (Over Voltage Protection), OCP (Over
Current protection) and brown-in/out protection, LD5762L
prevents the circuit from being damaged in abnormal
conditions.
Furthermore, the LD5762L features frequency swapping
and soft driving function to minimize the noise and
improve EMI.

Features
 Secondary-side feedback control with quasi-resonant
+ CCM operation
 High-Voltage (710V) Startup Circuit
 Built-in Brown-in/out Function on HV pin
 Built- in X-Cap Discharge on HV pin
 OVP (Over Voltage Protection) on VCC/FB
 OPP (Over Power Protection)
 OCP (Over Current Protection)
 OSCP(Output Short Circuit Protection)
 Adj. CS_OTP (Over Temperature Protection)
 Peak Load FSW Boost
 Soft Driving
 +300mA/-800mA Driving Capability

Applications
 Printer




Similar Part No. - LD5762LGR

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5762AGR LEADTREND-LD5762AGR Datasheet
773Kb / 19P
High Voltage Multi-Mode PWM Controller with BNO Function
REV. 00
LD5762AGS LEADTREND-LD5762AGS Datasheet
773Kb / 19P
High Voltage Multi-Mode PWM Controller with BNO Function
REV. 00
LD5762E LEADTREND-LD5762E Datasheet
773Kb / 19P
High Voltage Multi-Mode PWM Controller with BNO Function
REV. 00
LD5762E1 LEADTREND-LD5762E1 Datasheet
579Kb / 19P
High Voltage Green-Mode PWM Controller with BNO Function
REV. 00
LD5762E1GR LEADTREND-LD5762E1GR Datasheet
579Kb / 19P
High Voltage Green-Mode PWM Controller with BNO Function
REV. 00
More results


Similar Description - LD5762LGR

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Diodes Incorporated
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
Rev 5
logo
Leadtrend Technology
LD5760 LEADTREND-LD5760 Datasheet
726Kb / 20P
High Voltage Green-Mode PWM Controller with Brown-In/Out Function
LD5525 LEADTREND-LD5525 Datasheet
734Kb / 16P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
logo
Diodes Incorporated
AP3304 DIODES-AP3304 Datasheet
684Kb / 12P
MULTI-MODE PWM CONTROLLER
Rev. 4 - 2 October 2021
logo
List of Unclassifed Man...
OB2362 ETC-OB2362 Datasheet
677Kb / 10P
Adaptive Multi-Mode PWM Controller
OB_DOC_DS_236200
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com