Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9162K Datasheet (PDF) - Leadtrend Technology

LD9162K Datasheet PDF - Leadtrend Technology
Part # LD9162K
Download  LD9162K Download
File Size   1002.79 Kbytes
Page   17 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Primary Side Quasi-Resonant Controller with MOSFET Integrated

LD9162K Datasheet (PDF)

Go To PDF Page Download Datasheet
LD9162K Datasheet PDF - Leadtrend Technology

Part # LD9162K
Download  LD9162K Click to download

File Size   1002.79 Kbytes
Page   17 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Primary Side Quasi-Resonant Controller with MOSFET Integrated

LD9162K Datasheet (HTML) - Leadtrend Technology


LD9162K Product details

General Description
The LD9162K is an excellent primary-side feedback
controller with QR operation, integrated with a 650V
MOSFET switch in a SOP-8 package. It minimizes the
components counts and is ideal for low cost applications.
It provides functions of ultra-low startup current, green-mode
power-saving operation and leading-edge blanking of the
current sensing. Also, the LD9162K includes the
comprehensive protection function, such as Over Load
Protection (OLP), Over Voltage Protection (OVP), and
internal Over Temperature Protection (OTP). Furthermore,
the programmable brown-in/out protection and bulk cap.
OVP protection is built-in.
In most cases, PSR controlled flyback converters would
suffer from bad load regulation performance. To deal with
this problem, dedicated load regulation compensation is also
implemented in LD9162K.

Features
 Primary-Side Feedback Control with Quasi-Resonant
Operation
 Built-in 650V MOSFET Switch
 Built-in Load Regulation Compensation
 Constant Current Control
 Ultra-Low Startup Current (<1.9A)
 80 kHz Maximum Switching Frequency.
 Green Mode Control to enhance Efficiency
 LEB (Leading-Edge Blanking) On CS Pin
 VCC OVP (Over Voltage Protection)
 Adjustable Brown in/out and Bulk_OVP on FB pin.
 Internal OTP (Over Temperature Protection)
 SDSP (Secondary Diode Short Protection)

Applications
 Mobile Phone Charger
 Low Power AC/DC Adaptor




Similar Part No. - LD9162K

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
Quantum Semiconductor International Co., Ltd.
logo
LightGraphix
LD95 LIGHTGRAPHIX-LD95 Datasheet
1Mb / 3P
Miniature Floor or Ceiling Mounted Spotlight
11 April 2022
logo
Leadtrend Technology
LD9532 LEADTREND-LD9532 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9532GM7 LEADTREND-LD9532GM7 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9532GN LEADTREND-LD9532GN Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
More results


Similar Description - LD9162K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
FAN105A ONSEMI-FAN105A Datasheet
641Kb / 18P
Offline Primary-Side-Regulation Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
logo
Leadtrend Technology
LD5718AC LEADTREND-LD5718AC Datasheet
713Kb / 16P
Primary-Side Quasi-Resonant Controller,Operating in CV/CC Mode
LD7513A LEADTREND-LD7513A Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515L LEADTREND-LD7515L Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7516C LEADTREND-LD7516C Datasheet
699Kb / 14P
Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com