Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5560 Datasheet (PDF) - Microsemi Corporation

LX5560 Datasheet PDF - Microsemi Corporation
Part # LX5560
Download  LX5560 Download
File Size   179.59 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaAs - E-Mode pHEMT Low Noise Amplifier

LX5560 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5560 Datasheet PDF - Microsemi Corporation

Part # LX5560
Download  LX5560 Click to download

File Size   179.59 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaAs - E-Mode pHEMT Low Noise Amplifier

LX5560 Datasheet (HTML) - Microsemi Corporation


LX5560 Product details

DESCRIPTION
The LX5560 is a low noise amplifier (LNA) for WLAN applications in the 4.9-6.0 GHz frequency range. This LNA is manufactured with an InGaAs Enhancement mode pseudomorphic HEMT (E-pHEMT) process.
It operates with a single positive voltage supply of 3.3V, with noise figure(NF) of 1.7dB while maintaining input third order intercept point(IIP3) of up to +6dBm.

KEY FEATURES
◾ 0.5µm InGaAs E-mode pHEMT
◾ 4.9 - 6GHz Operation
◾ Single 3.3V Supply
◾ Gain ~ 12dB
◾ Noise Figure ~ 1.7dB
◾ Input IP3 ~ +6dBm
◾ Input P1dB ~ +2dBm
◾ On-Chip Bias Circuit
◾ On-Chip Input Match
◾ Simple Output Match
◾ 2x2mm² MLPQ 12 Pin
◾ Low Profile 0.5mm

APPLICATIONS
◾ Wireless LAN 802.11a
◾ WiMax




Similar Part No. - LX5560

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5561 MICROSEMI-LX5561 Datasheet
187Kb / 8P
InGaAs - E-Mode pHEMT Low Noise Amplifier
LX5561LL MICROSEMI-LX5561LL Datasheet
187Kb / 8P
InGaAs - E-Mode pHEMT Low Noise Amplifier
More results


Similar Description - LX5560

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5561 MICROSEMI-LX5561 Datasheet
187Kb / 8P
InGaAs - E-Mode pHEMT Low Noise Amplifier
logo
Freescale Semiconductor...
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
MML20211HT1 FREESCALE-MML20211HT1 Datasheet
513Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
logo
Analog Devices
HMC374SC70E AD-HMC374SC70E Datasheet
530Kb / 6P
GaAs pHEMT LOW NOISE AMPLIFIER
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
SMT PHEMT LOW NOISE AMPLIFIER
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER,
logo
NXP Semiconductors
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
MML25231HT1 NXP-MML25231HT1 Datasheet
418Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com