Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML20211HT1 Datasheet (PDF) - Freescale Semiconductor, Inc

MML20211HT1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MML20211HT1
Download  MML20211HT1 Download
File Size   513.45 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Enhancement Mode pHEMT Technology (E--pHEMT)

MML20211HT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MML20211HT1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MML20211HT1
Download  MML20211HT1 Click to download

File Size   513.45 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Enhancement Mode pHEMT Technology (E--pHEMT)

MML20211HT1 Datasheet (HTML) - Freescale Semiconductor, Inc


MML20211HT1 Product details

Enhancement Mode pHEMT Technology (E--pHEMT)
Low Noise Amplifier

The MML20211H is a single--stage low noise amplifier (LNA) with active bias and high isolation for use in cellular infrastructure applications. It is designed for a range of low noise, high linearity applications such as pico cell, femto cell, tower mounted amplifiers (TMA) and receiver front end circuits. It operates from a single voltage supply and is suitable for applications with frequencies from 1400 to 2800 MHz such as TD--SCDMA, W--CDMA, UMTS, PCS, LTE and BWA.

Features
• Ultra Low Noise Figure: 0.65 dB @ 2140 MHz
• Frequency: 1400--2800 MHz
• High Reverse Isolation: --35 dB @ 2140 MHz
• P1dB: 21.3 dBm @ 2140 MHz
• Small--Signal Gain: 18.6 dB @ 2140 MHz (adjustable externally)
• Third Order Output Intercept Point: 33 dBm @ 2140 MHz
• Active Bias Control (adjustable externally)
• Single 5 V Supply
• Supply Current: 60 mA
• 50 Ohm Operation (some external matching required)
• Cost--effective 8--pin, 2 mm DFN Surface Mount Plastic Package
• In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.




Similar Part No. - MML20211HT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MML20211HT1 NXP-MML20211HT1 Datasheet
580Kb / 20P
Low Noise Amplifier
Rev. 1, 9/2014
More results


Similar Description - MML20211HT1

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
E-pHEMT
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
E-pHEMT
logo
Freescale Semiconductor...
MMG15241HT1 FREESCALE-MMG15241HT1 Datasheet
766Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT)
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AFEM-S257 AVAGO-AFEM-S257 Datasheet
191Kb / 14P
GaAs E-pHEMT, pHEMT and FBAR technology
logo
NXP Semiconductors
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
MML25231H NXP-MML25231H Datasheet
418Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MML25231HT1 NXP-MML25231HT1 Datasheet
418Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com