Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML20211HT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MML20211HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MML20211HT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MML20211HT1
1
RF Device Data
Freescale Semiconductor
Enhancement Mode pHEMT
Technology (E--pHEMT)
Low Noise Amplifier
The MML20211H is a single--stage low noise amplifier (LNA) with active bias
and high isolation for use in cellular infrastructure applications. It is designed for
a range of low noise, high linearity applications such as pico cell, femto cell,
tower mounted amplifiers (TMA) and receiver front end circuits. It operates from
a single voltage supply and is suitable for applications with frequencies from
1400 to 2800 MHz such as TD--SCDMA, W--CDMA, UMTS, PCS, LTE and BWA.
Features
 Ultra Low Noise Figure: 0.65 dB @ 2140 MHz
 Frequency: 1400--2800 MHz
 High Reverse Isolation: --35 dB @ 2140 MHz
 P1dB: 21.3 dBm @ 2140 MHz
 Small--Signal Gain: 18.6 dB @ 2140 MHz (adjustable externally)
 Third Order Output Intercept Point: 33 dBm @ 2140 MHz
 Active Bias Control (adjustable externally)
 Single 5 V Supply
 Supply Current: 60 mA
 50 Ohm Operation (some external matching required)
 Cost--effective 8--pin, 2 mm DFN Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.
Table 1. Typical Performance (1)
Characteristic
Symbol
1400
MHz
1800
MHz
2140
MHz
2700
MHz
Unit
Noise Figure (2)
NF
0.65
0.65
0.65
0.85
dB
Input Return
Loss (S11)
IRL
--19.5
--16
--16.7 --17.3
dB
Output Return
Loss (S22)
ORL
--24.9
--28
--26.6
--20
dB
Small--Signal
Gain (S21)
Gp
21.3
19.7
18.6
18.1
dB
Power Output
@ 1dB
Compression
P1dB
21.1
21.1
21.3
19.6
dBm
Third Order
Input Intercept
Point
IIP3
10.8
12.5
14.4
14.9
dBm
Third Order
Output
Intercept Point
OIP3
32.1
32.2
33
33
dBm
1. VDD =5 Vdc, TA =25C, 50 ohm system, application circuit
tuned for specified frequency.
2. Noise figure value calculated with connector losses removed.
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
6
V
Supply Current
IDD
200
mA
RF Input Power
Pin
22
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
175
C
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 87C, 5 Vdc, IDD = 60 mA, no RF applied
RJC
43.4
C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Freescale Semiconductor
Technical Data
Document Number: MML20211H
Rev. 1, 9/2014
1400--2800 MHz, 18.6 dB
21.3 dBm
E--pHEMT LNA
DFN 2  2
MML20211HT1
 Freescale Semiconductor, Inc., 2011, 2014. All rights reserved.


Similar Part No. - MML20211HT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MML20211HT1 NXP-MML20211HT1 Datasheet
580Kb / 20P
Low Noise Amplifier
Rev. 1, 9/2014
More results

Similar Description - MML20211HT1

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
E-pHEMT
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
E-pHEMT
logo
Freescale Semiconductor...
MMG15241HT1 FREESCALE-MMG15241HT1 Datasheet
766Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT)
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AFEM-S257 AVAGO-AFEM-S257 Datasheet
191Kb / 14P
GaAs E-pHEMT, pHEMT and FBAR technology
logo
NXP Semiconductors
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
MML25231H NXP-MML25231H Datasheet
418Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MML25231HT1 NXP-MML25231HT1 Datasheet
418Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com