Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML20211HT1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MML20211HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MML20211HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor
MML20211HT1
50 OHM TYPICAL CHARACTERISTICS: 2140 MHz
Figure 8. Noise Figure versus Frequency
versus Temperature
f, FREQUENCY (MHz)
1.4
0.4
0.8
1.2
0.6
0.2
1
25C
85C
--40C
VDD =5 Vdc
0
2040
2080
2120
2160
2200
2240
Figure 9. Power Gain versus Output Power
versus Temperature, CW
Pout, OUTPUT POWER (dBm)
21
20
19
13
16
16
18
14
68
15
12
22
17
10
12
14
20
18
--40C
85C
25C
22
VDD =5 Vdc
f = 2140 MHz
Figure 10. Third Order Output Intercept Point
(Two--Tone) versus IDD Current
IDD, CURRENT (mA)
36
32
20
80
26
24
20
40
18
30
50
60
70
100
90
38
34
28
22
Figure 11. Third Order Output Intercept Point
(Two--Tone) versus Frequency versus Temperature
f, FREQUENCY (MHz)
36
31
33
35
32
30
34
25C
--40C
29
2040
2080
2120
2160
2200
2240
Figure 12. P1dB versus Frequency versus
Temperature, CW
f, FREQUENCY (MHz)
23
22
21
18
20
17
19
--40C
25C
85C
24
VDD =5 Vdc
2040
2080
2120
2160
2200
2240
VDD =5 Vdc
1 MHz Tone Spacing
VDD =5 Vdc
f = 2140 MHz
1 MHz Tone Spacing
30
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com