Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML20211HT1 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MML20211HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MML20211HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
RF Device Data
Freescale Semiconductor
MML20211HT1
50 OHM TYPICAL CHARACTERISTICS: 2700 MHz
2600
2640
2680
2720
2760
2800
Figure 27. Noise Figure versus Frequency
f, FREQUENCY (MHz)
1.4
0.4
0.8
1.2
2600
0.6
0.2
1
VDD =5 Vdc
0
2640
2680
2720
2760
2800
Figure 28. Third Order Output Intercept Point
(Two--Tone) versus Frequency
f, FREQUENCY (MHz)
36
31
33
35
32
30
34
29
VDD =5 Vdc
1 MHz Tone Spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com