Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML20211HT1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MML20211HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MML20211HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MML20211HT1
7
RF Device Data
Freescale Semiconductor
50 OHM APPLICATION CIRCUIT: 1800 MHz
Figure 13. MML20211HT1 Test Circuit Schematic
Z1
0.080 x 0.021 Microstrip
Z2
0.218 x 0.021 Microstrip
Z3
0.044 x0.011 Microstrip
Z4
0.020 x 0.031 Microstrip
Z5
0.038 x 0.021 Microstrip
Z6
0.021 x 0.080 Microstrip
RF
INPUT
BIAS
CIRCUIT
C1
C8
L1
VDD
RF
OUTPUT
1
2
3
8
6
4
5
C7
R2
C5
C6
R1
L2
N.C.
C4
C9
R3
C3
7
Z2
Z1
Z3
Z6
Z4
Z5
C2
Table 9. MML20211HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C5
18 pF Chip Capacitors
GJM1555C1H180JB01D
Murata
C2, C3, C6, C7
18 pF Chip Capacitors
GRM1555C1H180JA01D
Murata
C4, C8
0.1 F Chip Capacitors
GRM155R61A104KA01D
Murata
C9
0.7 pF Chip Capacitor
GJM1555C1HR70BB01D
Murata
L1
3.6 nH Chip Inductor
0402HP--3N6XGL
Coilcraft
L2
4.7 nH Chip Inductor
0402CS--4N7
Coilcraft
R1
180 , 1/16 W Chip Resistor
RC0402FR--07180RL
Yageo
R2
0 , 1 A Chip Resistor
ERJ2GE0R00X
Panasonic
R3
1.5 k, 1/16 W Chip Resistor
RC0402FR--071K5L
Yageo
PCB
0.010, r = 3.38, Multilayer
IS680--3.38
Isola



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com