Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML20211HT1 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MML20211HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MML20211HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
RF Device Data
Freescale Semiconductor
MML20211HT1
50 OHM APPLICATION CIRCUIT: 2700 MHz
NOTE: To achieve optimal noise performance, it is critical that proper biasing, input matching, supply
decoupling and grounding are employed.
Figure 22. MML20211HT1 Test Circuit Component Layout
C9
RFIN
RFOUT
C1
L1
R3
C4
C3
L2
C2
R1*
C6*
C5
R2
C7
C8
DFN 2x2--8C
Rev. 0
Via A
Via A
Note: Component numbers C6* and R1* are labeled on board but not placed.
Table 10. MML20211HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C5
8.2 pF Chip Capacitors
GJM1555C1H8R2CB01
Murata
C2, C3, C7
8.2 pF Chip Capacitors
GRM1555C1H8R2DA01
Murata
C4, C8
0.1 F Chip Capacitors
GRM155R61A104KA01D
Murata
C6
Component Not Placed
C9
0.8 pF Chip Capacitor
GJM1555C1HR80BB01D
Murata
L1, L2
2.2 nH Chip Inductors
0402CS--2N2
Coilcraft
R1
Component Not Placed
R2
0 , 1 A Chip Resistor
ERJ2GE0R00X
Panasonic
R3
1.5 k, 1/16 W Chip Resistor
RC0402FR--071K5L
Yageo
PCB
0.010, r = 3.38, Multilayer
IS680--3.38
Isola
(Test Circuit Component Designations and Values repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com