Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MML20211HT1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MML20211HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MML20211HT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MML20211HT1
5
RF Device Data
Freescale Semiconductor
50 OHM TYPICAL CHARACTERISTICS: 2140 MHz
Figure 4. S11 versus Frequency versus
Temperature
2300
--24
--3
2000
f, FREQUENCY (MHz)
2060
--6
--9
--12
--15
--18
--21
2120
2180
2240
Figure 5. S12 versus Frequency versus
Temperature
0
35
f, FREQUENCY (MHz)
30
25
20
10
5
--40C
25C
85C
15
VDD =5 Vdc
Figure 6. S21 versus Frequency versus
Temperature
15
22
f, FREQUENCY (MHz)
21
20
19
17
16
--40C
25C
85C
18
VDD =5 Vdc
Figure 7. S22 versus Frequency versus
Temperature
--40
--19
f, FREQUENCY (MHz)
--22
--25
--28
--31
--34
--37
--40C
25C
85C
VDD =5 Vdc
2300
2000
2060
2120
2180
2240
2300
2000
2060
2120
2180
2240
2300
2000
2060
2120
2180
2240
--40
--26
--28
--30
--32
--34
--36
--38
--40C
25C
85C
VDD =5 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com